Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1346AC Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1346AC
Description  10Mbps DCE/DTE V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346AC Datasheet(HTML) 2 Page - Linear Technology

  LTC1346AC Datasheet HTML 1Page - Linear Technology LTC1346AC Datasheet HTML 2Page - Linear Technology LTC1346AC Datasheet HTML 3Page - Linear Technology LTC1346AC Datasheet HTML 4Page - Linear Technology LTC1346AC Datasheet HTML 5Page - Linear Technology LTC1346AC Datasheet HTML 6Page - Linear Technology LTC1346AC Datasheet HTML 7Page - Linear Technology LTC1346AC Datasheet HTML 8Page - Linear Technology LTC1346AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1346A
Consult factory for Military grade parts.
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
TJMAX = 150°C, θJA = 85°C/W
(Note 1)
Supply Voltage
VCC .................................................................... 6.5V
VEE................................................................... – 6.5V
Input Voltage
Transmitters ........................... – 0.3V to (VCC + 0.3V)
Receivers ............................................... – 18V to 18V
S0, S1, S2 ............................... – 0.3V to (VCC + 0.3V)
Output Voltage
Transmitters .......................................... – 18V to 18V
Receivers ................................ – 0.3V to (VCC + 0.3V)
Short-Circuit Duration
Transmitter Output ..................................... Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range
LTC1346AC ............................................ 0
°C to 70°C
LTC1346AI ........................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VEE
VCC
GND
T1
T2
T3
S1
S2
R3
R2
R1
S0
Y1
Z1
Y2
Z2
Y3
Z3
A3
B3
A2
B2
A1
B1
SW PACKAGE
24-LEAD PLASTIC SO WIDE
TOP VIEW
ORDER PART
NUMBER
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOD
Transmitter Differential Output Voltage
– 4V
≤ VOS ≤ 4V (Figure 1)
q
0.44
0.55
0.66
V
VOC
Transmitter Common Mode Output Voltage
VOS = 0V (Figure 1)
q
– 0.6
0
0.6
V
IOH
Transmitter Output High Current
VY, Z = 0V
q
– 12.6
– 11
– 9.4
mA
IOL
Transmitter Output Low Current
VY, Z = 0V
q
9.4
11
12.6
mA
IOZ
Transmitter Output Leakage Current
– 5V
≤ VY, Z ≤ 5V, S1 = S2 = 0V
±1
±20
µA
q
±100
µA
RO
Transmitter Output Impedance
– 2V
≤ VY, Z ≤ 2V
100
k
Ω
VTH
Differential Receiver Input Threshold Voltage
– 7V
≤ (VA + VB)/2 ≤ 12V
q
25
200
mV
∆VTH
Receiver Input Hysterisis
– 7V
≤ (VA + VB)/2 ≤ 12V
50
mV
IIN
Receiver Input Current (A, B)
– 7V
≤ VA, B ≤ 12V
q
0.7
mA
RIN
Receiver Input Impedance
– 7V
≤ VA, B ≤ 12V
q
17.5
30
k
Ω
VOH
Receiver Output High Voltage
IO = 4mA, VA, B = 0.2V
q
3
4.5
V
VOL
Receiver Output Low Voltage
IO = 4mA, VA, B = – 0.2V
q
0.2
0.4
V
IOSR
Receiver Output Short-Circuit Current
0V
≤ VO ≤ VCC
q
740
85
mA
IOZR
Receiver Three-State Output Current
S0 = VCC, 0V ≤ VO ≤ VCC
q
±10
µA
VIH
Logic Input High Voltage
T, S0, S1, S2
q
2V
VIL
Logic Input Low Voltage
T, S0, S1, S2
q
0.8
V
IIN
Logic Input Current
T, S0, S1, S2
q
±10
µA
VCC = 5V ±5%, VEE = – 5V ±5% (Note 2)
DC ELECTRICAL CHARACTERISTICS
LTC1346ACSW
LTC1346AISW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com