Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1348CSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1348CSW
Description  3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1348CSW Datasheet(HTML) 6 Page - Linear Technology

  LTC1348CSW Datasheet HTML 1Page - Linear Technology LTC1348CSW Datasheet HTML 2Page - Linear Technology LTC1348CSW Datasheet HTML 3Page - Linear Technology LTC1348CSW Datasheet HTML 4Page - Linear Technology LTC1348CSW Datasheet HTML 5Page - Linear Technology LTC1348CSW Datasheet HTML 6Page - Linear Technology LTC1348CSW Datasheet HTML 7Page - Linear Technology LTC1348CSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1348
Figure 1. Driver Propagation Delay Timing
Figure 2. Receiver Propagation Delay Timing
SWITCHI G TI E WAVEFOR S
1.4V
0V
VCC
0V
V+
V–
0V
DRIVER
INPUT
DRIVER
OUTPUT
1.4V
t HLD
t LHD
LTC1348 • F01
0.8V
VCC
0V
2.4V
RX
INPUT
RX
OUTPUT
1.3V
t HLR
1.7V
t LHR
LTC1348 • F02
VCC
0V
APPLICATIONS INFORMATION
TEST CIRCUITS
Figure 3. Driver Timing Test Load
RX
RX INPUT
51pF
RX
OUTPUT
LTC1348 • F04
Figure 4. Receiver Timing Test Load
DRIVER
DRIVER
INPUT
3k
51pF
DRIVER
OUTPUT
LTC1348 • F03
Power Supply
The LTC1348 includes an onboard voltage-tripling charge
pump capable of generating
±8V from a single 3.3V
supply. This allows the LTC1348 drivers to provide guar-
anteed
±5V RS232-compliant voltage levels with a 3.3V
supply. With all outputs loaded with 3k
Ω, the LTC1348
can typically swing
±5V with voltages as low as 2.85V. It
will meet the
±3.7V EIA562 levels with supply voltages as
low as 2.2V. The charge pump requires three external
flying capacitors to operate; 0.1
µF ceramic capacitors are
adequate for most applications. For applications requiring
extremely high data rates or abnormally heavy output
loads, 0.33
µF flying capacitors are recommended. Bypass
and output capacitor values should match those of the
flying capacitors and all capacitors should be mounted as
close to the package as possible.
LT1348 • TC
RS232 LINE PINS
PROTECTED TO
±10kV
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
LTC1348
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DR1 OUT
RX1 IN
DR2 OUT
RX2 IN
RX3 IN
RX4 IN
DR3 OUT
RX5 IN
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DR1 IN
RX1 OUT
DR2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DR3 IN
RX5 OUT
DREN
RXEN
V–
V+
VCC
GND
0.1
µF
C2+
C3+
C3–
C2–
C1+
C1–
ESD Test Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com