Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB3TG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LLDB3TG
Description  150mW Bi-directional Trigger Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLDB3TG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LLDB3TG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLDB3TG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLDB3TG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LLDB3TG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd LLDB3TG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(TA=25℃ unless otherwise noted)
VBO :
Break-Over Voltage
IBO :
Break-Over Current
∆V :
Dynamic Breakover Voltage
IB :
Leakage Current at VB=0.5*VBO
VF :
Voltage at Current IF=10mA
Document Number: DS_S1407002
Version: D14
Small Signal Product
LLDB3/ LLDB3TG
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0
40
80
120
160
0
10 20 30 40 50 60 70 80 90 100 110 120 130
Ambient Tempeatature (oC)
Fig. 1 Admissible Power Dissipation Curve
1
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
25
50
75
100
125
Tj (°C)
Fig. 2 Relative Variation of VBO VS. Junction
Temperature (Typical Values)
0.1
1
10
100
1
10
100
tp (µs)
Fig. 3 Repetitive Peak Pulse Current VS.
Pulse Duration (Maximum Values)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com