Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904LRFG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MMBT3904LRFG
Description  300mW, NPN Small Signal Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBT3904LRFG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MMBT3904LRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBT3904LRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBT3904LRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBT3904LRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
(TA=25°C unless otherwise noted)
Document Number: DS_S1501029
Version: A15
MMBT3904L
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0
100
200
300
400
500
0.1
1.0
10.0
100.0
IC - Collector Current (mA)
Fig.1 Typical Pulsed Current Gain
vs. Collector Current
VCE = 5V
125 °C
25 °C
- 40 °C
0.00
0.05
0.10
0.15
0.20
0
1
10
100
IC - Collector Current (mA)
Fig. 2 Collector-Emitter Saturation Voltage
vs. Collector Current
β = 10
125 °C
25 °C
- 40 °C
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0.1
1
10
100
IC - Collector Current (mA)
Fig. 3 Base-Emitter Saturation Voltage
vs. Collector Current
0.2
0.4
0.6
0.8
1
0.1
1
10
100
IC - Collector Current (mA)
Fig. 4 Base-Emitter On Voltage
vs. Collector Current
VCE= 5V
0.01
0.1
1
10
100
1000
25
50
75
100
125
150
TA - Ambient Temperature (OC)
Fig. 5 Collector-Cutoff Current
vs. Ambient Temperature
VCB= 30V
β = 10
- 40 °C
25 °C
125 °C
- 40 °C
25 °C
125 °C
1
10
0.1
1
10
100
Reverse Bias Voltage (V)
Fig. 6 Capacitance vs.
Reverse Bias Voltage
f = 1.0 MHz
C
ibo
C
obo



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com