Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906LRFG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MMBT3906LRFG
Description  350mW, PNP Small Signal Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBT3906LRFG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MMBT3906LRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBT3906LRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBT3906LRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBT3906LRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMBT3906LRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Small Signal Product
(TA=25°C unless otherwise noted)
Document Number: DS_S1502001
Version: A15
MMBT3906L
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
1
10
0.1
1
10
100
Reverse Bias (V)
Fig. 1 Capacitance
Cobo
Cibo
10
100
1000
10000
1
10
100
1000
IC - Collector Current (mA)
VCC = 40 V
ID/IB = 10
QT
Fig. 2 Charge Data
QA
1
10
100
1000
1
10
100
1000
IC - Collector Current (mA)
Fig. 3 Turn - On Time
IC/IB = 10
1r @ VCC = 3.0 V
1d @ VOB = 0 V
15 V
40 V
2.0 V
1
10
100
1000
1
10
100
1000
IC - Collector Current (mA)
Fig. 4 Fall Time
VCC = 40 V
IB1 = IB2
IC/IB = 20
IC/IB = 10
0
1
2
3
4
5
0.1
1
10
100
f - Frequency (kHz)
Fig. 5 Noise Figure vs. Frequency
Source Resistance = 200 Ω
IC = 1.0 mA
Source Resistance = 2.0 K
Ω
IC = 0.5 mA
Source Resistance = 2.0 K
Ω
IC = 100 μA
Source Resistance = 2.0 K
Ω
IC = 50μA
0
2
4
6
8
10
12
0.1
1
10
100
Rg, Source Resistance (kOhms)
Fig. 6 Noise Figure vs. Source Resistance
f = 1.0 kHz
IC = 1.0 mA
IC = 0.5 mA
IC = 50 μA
IC = 100 μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com