Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4063 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4063
Description  Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4063 Datasheet(HTML) 2 Page - Linear Technology

  LTC4063 Datasheet HTML 1Page - Linear Technology LTC4063 Datasheet HTML 2Page - Linear Technology LTC4063 Datasheet HTML 3Page - Linear Technology LTC4063 Datasheet HTML 4Page - Linear Technology LTC4063 Datasheet HTML 5Page - Linear Technology LTC4063 Datasheet HTML 6Page - Linear Technology LTC4063 Datasheet HTML 7Page - Linear Technology LTC4063 Datasheet HTML 8Page - Linear Technology LTC4063 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4063

4063fc
pin conFiguraTion
absoluTe MaxiMuM raTings
Input Supply Voltage (VCC) ........................ –0.3V to 10V
CHGEN, LDOEN, CHRG .............................. –0.3V to 10V
FB ................................................................ –0.3V to 8V
PROG, IDET, TIMER ........................ –0.3V to VCC + 0.3V
BAT, OUT...................................................... –0.3V to 8V
BAT Short-Circuit Duration ...........................Continuous
OUT Short-Circuit Duration...........................Continuous
BAT Pin Current (Note 8) ............................................1A
Maximum Junction Temperature (Note 7) ............ 125°C
Operating Temperature Range (Note 2) ...–40°C to 85°C
Storage Temperature Range .................. –65°C to 125°C
(Note1)
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VCC
PROG
IDET
TIMER
CHRG
BAT
OUT
FB
LDOEN
CHGEN
TJMAX = 125°C, θJA = 40°C/W (NOTE 3)
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEADFREEFINISH
TAPEANDREEL
PARTMARKING
PACKAGEDESCRIPTION
TEMPERATURERANGE
LTC4063EDD#PBF
LTC4063EDD#TRPBF
LBHX
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Supply Voltage
l
4.3
8
V
ICC
ICC Supply Current
Charge Mode (Note 4), RPROG = 10k
Standby Mode, Charge Terminated
Shutdown (CHGEN = 5V, VCC < VBAT or VCC < VUV)
CHGEN = 5V and LDOEN = 5V
l
l
l
l
400
100
35
15
800
200
65
30
µA
µA
µA
µA
VFLOAT
VBAT Regulated Output Voltage
0°C ≤ TA ≤ 85°C
4.185
4.170
4.2
4.2
4.215
4.230
V
V
IBAT
BAT Pin Current (Note 5)
RPROG = 10k, Constant-Current Mode
RPROG = 1.25k, Constant-Current Mode
Standby Mode, Charge Terminated
Shutdown Mode (CHGEN = 5V, LDOEN = 5V)
l
l
l
l
93
760
100
800
–3.5
±1
107
840
–7
±2
mA
mA
µA
µA
VPROG
PROG Pin Voltage
RPROG = 10k, Constant-Current Mode
RPROG = 1.25k, Constant-Current Mode
0.97
0.97
1
1
1.03
1.03
V
V
VCHRG
CHRG Output Low Voltage
ICHRG = 5mA
0.35
0.6
V
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 10k
VBAT < VTRIKL, RPROG = 1.25k
6
60
10
80
14
100
mA
mA
VTRIKL
Trickle Charge Threshold Voltage
VBAT Rising
Hysteresis
2.8
2.9
100
3
V
mV
VUV
VCC Undervoltage Lockout Voltage
From Low to High
Hysteresis
3.7
3.8
200
3.9
V
mV
VASD
VCC – VBAT Lockout Threshold Voltage
VCC from Low to High, VBAT = 4.2V
VCC from High to Low, VBAT = 4.2V
145
10
180
45
220
75
mV
mV
VCHGEN
CHGEN Input Threshold Voltage
CHGEN Rising, 4.3V < VCC < 8V
Hysteresis
0.4
0.7
100
1
V
mV
Theldenotesthespecificationswhichapplyoverthefulloperating
temperaturerange,otherwisespecificationsareatTA=25°C.VCC=5V,unlessotherwisenoted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com