Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1380IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1380IGN
Description  Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1380IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1380IGN Datasheet HTML 4Page - Linear Technology LTC1380IGN Datasheet HTML 5Page - Linear Technology LTC1380IGN Datasheet HTML 6Page - Linear Technology LTC1380IGN Datasheet HTML 7Page - Linear Technology LTC1380IGN Datasheet HTML 8Page - Linear Technology LTC1380IGN Datasheet HTML 9Page - Linear Technology LTC1380IGN Datasheet HTML 10Page - Linear Technology LTC1380IGN Datasheet HTML 11Page - Linear Technology LTC1380IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1380/LTC1393
APPLICATIONS INFORMATION
Table 1. LTC1380/LTC1393 Address Selection
A1
A0
LTC1380
LTC1393
0
0
90H
98H
0
1
92H
9AH
1
0
94H
9CH
1
1
96H
9EH
SCL is the synchronizing clock generated by the host. SDA
is the bidirectional data transfer between the host and the
slave. The host initiates a start bit by dropping the SDA line
from High to Low while the SCL is High. The stop bit is
initiated by changing the SDA line from Low to High while
SCL is High. All address, command and acknowledge
signals must be valid and should not change while SCL is
High. The acknowledge bit signals to the host the accep-
tance of a correct address byte or the command byte.
At VCC supply above 2.7V, the SCL and SDA input thresh-
old is typically 1V with an input hysteresis of 100mV. The
typical SCL and SDA lines have either a resistive or current
source pull-up at the host. The LTC1380/LTC1393 have an
open-drain NMOS transistor at the SDA pin to sink 3mA
below 0.4V during the slave acknowledge sequence. The
address selection input A1 and A0 are TTL compatible at
VCC = 5V.
Both the LTC1380 and LTC1393 are compatible with the
Philips/Signetics I2C Bus interface. This 1V threshold for
SCA and SDA should not pose an operational problem
with I2C applications.
The multiplexer switches are selected as shown in Table 2.
Both the LTC1380 and the LTC1393 have an enable bit
(EN). A Low disables all switches while a High enables the
selected switch as programmed by bits C2, C1 and C0. A
stop bit after a successful send byte sequence for LTC1380/
LTC1393 will disable all switches before the new selected
switch is connected.
Table 2. Multiplexer Control Bits Truth Table
LTC1380 DO
LTC1393 DO
+, DO–
EN
C2
C1
C0
CHANNEL STATUS
CHANNEL STATUS
0XXX
All Off
All Off
1000
S0
S0+, S0
1001
S1
1010
S2
S1+, S1
1011
S3
1100
S4
S2+, S2
1101
S5
1110
S6
S3+, S3
1111
S7
TYPICAL APPLICATIONS
Simplified LTC1393 Application
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1393
0.1
µF
15k
4 DIFFERENTIAL
ANALOG INPUTS
15k
5V
DIFFERENTIAL
ANALOG OUTPUTS
1380/93 TA03
S0+
S0
S1+
S1
S2+
S2
S3+
S3
VCC
SCL
SDA
A0
A1
GND
DO
DO
+
SMBus
HOST
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com