Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1391 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1391
Description  8-Channel Analog Multiplexer with Cascadable Serial Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1391 Datasheet(HTML) 3 Page - Linear Technology

  LTC1391 Datasheet HTML 1Page - Linear Technology LTC1391 Datasheet HTML 2Page - Linear Technology LTC1391 Datasheet HTML 3Page - Linear Technology LTC1391 Datasheet HTML 4Page - Linear Technology LTC1391 Datasheet HTML 5Page - Linear Technology LTC1391 Datasheet HTML 6Page - Linear Technology LTC1391 Datasheet HTML 7Page - Linear Technology LTC1391 Datasheet HTML 8Page - Linear Technology LTC1391 Datasheet HTML 9Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
LTC1391
V+ = 5V, V– = – 5V, GND = 0V, TA = operating temperature range, unless otherwise specified.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Dynamic
CS(OFF)
Input Off Capacitance
5pF
CD(0FF)
Output Off Capacitance
10
pF
Supply
I+
Positive Supply Current
All Logic Inputs Tied Together, VIN = 0V or 5V
q
15
40
µA
I–
Negative Supply Current
All Logic Inputs Tied Together, VIN = 0V or 5V
q
–15
– 40
µA
V+ = 2.7V, V– = GND = 0V, TA = operating temperature range, unless otherwise specified.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch
VANALOG Analog Signal Range
(Note 2)
q
0
2.7
V
RON
On-Resistance
VS = 1.2V
TMIN
300
Ω
IO = 1mA
25
°C
250
300
Ω
TMAX
350
Ω
∆RON vs VS
20
%
∆RON vs Temperature
0.5
%/
°C
IS(OFF)
Off Input Leakage
VS = 2.5V, VD = 0.5V; VS = 0.5V, VD = 2.5V (Note 3)
±0.05
±5nA
Channel Off
q
±20
nA
ID(OFF)
Off Output Leakage
VS = 2.5V, VD = 0.5V; VS = 0.5V, VD = 2.5V (Note 3)
±0.05
±5nA
Channel Off
q
±20
nA
ID(ON)
On Channel Leakage
VS = VD = 0.5V, 2.5V (Note 3)
±0.05
±5nA
Channel On
q
±20
nA
Digital
VINH
High Level Input Voltage
V+ = 3.0V
q
2.0
V
VINL
Low Level Input Voltage
V+ = 2.4V
q
0.8
V
IINL, IINH Input Current
VIN = 2.7V, 0V
q
±5
µA
VOH
High Level Output Voltage
V+ = 2.7V, IO = – 20µA
2.68
V
IO = – 400µA
q
2.0
2.30
V
VOL
Low Level Output Voltage
V+ = 2.7V, IO = 20µA
0.01
V
IO = 400µA
q
0.20
0.8
V
Dynamic
fCLK
Clock Frequency
(Note 2)
5
MHz
tON
Enable Turn-On Time
VS = 1.5V, RL = 1k, CL = 35pF (Note 4)
490
800
ns
tOFF
Enable Turn-Off Time
VS = 1.5V, RL = 1k, CL = 35pF (Note 4)
190
400
ns
tOPEN
Break-Before-Make Interval
(Note 4)
125
290
ns
QIRR
Off Isolation
VS = 2VP–P, RL = 1k, f = 100kHz
70
dB
QINJ
Charge Injection
RS = 0, CL = 1000pF, VS = 1V (Note 2)
±1
±5pC
CS(OFF)
Input Off Capacitance
5pF
CD(OFF)
Output Off Capacitance
10
pF
Supply
I+
Positive Supply Current
All Logic Inputs Tied Together, VIN = 0V or 2.7V
q
0.2
2
µA
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Guaranteed by Design.
Note 3: Leakage current with a single 2.7V supply is guaranteed by
correlation with the
±5V leakage current specifications.
Note 4: Timing specifications with a single 2.7V supply are guaranteed by
correlation with the
±5V timing specifications.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com