Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1380IS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1380IS
Description  Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1380IS Datasheet(HTML) 1 Page - Linear Technology

  LTC1380IS Datasheet HTML 1Page - Linear Technology LTC1380IS Datasheet HTML 2Page - Linear Technology LTC1380IS Datasheet HTML 3Page - Linear Technology LTC1380IS Datasheet HTML 4Page - Linear Technology LTC1380IS Datasheet HTML 5Page - Linear Technology LTC1380IS Datasheet HTML 6Page - Linear Technology LTC1380IS Datasheet HTML 7Page - Linear Technology LTC1380IS Datasheet HTML 8Page - Linear Technology LTC1380IS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1380/LTC1393
Single-Ended 8-Channel/
Differential 4-Channel Analog
Multiplexer with SMBus Interface
VS (V)
–5
150
200
250
3
1167 G15
100
50
125
175
225
75
25
0
–3
–1
1
–4
4
–2
0
2
5
VCC = 2.7V
VEE = 0V
TA = 25°C
ID = 1mA
VCC = 5V
VEE = 0V
VCC = 5V
VEE = –5V
On Resistance vs VS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1380
0.1
µF
15k
8 ANALOG
INPUTS
15k
0.1
µF
–5V
5V
ANALOG OUTPUT
1380/93 TA01
S0
S1
S2
S3
S4
S5
S6
S7
VCC
SCL
SDA
A0
A1
GND
VEE
DO
SMBus
HOST
SCL
SDA
LTC1380 Single-Ended 8-Channel Multiplexer
TYPICAL APPLICATION
The LTC
®1380/LTC1393 are CMOS analog multiplexers with
SMBus
® compatible digital interfaces. The LTC1380 is a
single-ended 8-channel multiplexer, while the LTC1393 is a
differential 4-channel multiplexer. The SMBus digital inter-
face requires only two wires (SCL and SDA). Both the
LTC1380 and the LTC1393 have four hard-wired SMBus
addresses, selectable with two external address pins. This
allows four devices, each with a unique SMBus address, to
coexist on one system and for four devices to be synchro-
nized with one stop bit.
The supply current is typically 10
µA. Both digital interface
pins are SMBus compatible over the full operating supply
voltage range. The LTC1380 analog switches feature a
typical RON of 35Ω (±5V supplies), typical switch leakage of
20pAandguaranteedbreak-before-makeoperation.Charge
injection is
±1pC typical.
The LTC1380/LTC1393 are available in 16-lead SO and GN
packages. Operation is fully specified over the commercial
and industrial temperature ranges.
s
Micropower Operation: Supply Current = 20
µA Max
s
2-Wire SMBus Interface
s
Single 2.7V to
±5V Supply Operation
s
Expandable to 32 Single or 16 Differential Channels
s
Guaranteed Break-Before-Make
s
Low RON: 35Ω Single Ended/70Ω Differential
s
Low Charge Injection: 20pC Max
s
Low Leakage:
±5nA Max
s
Available in 16-Lead SO and GN Packages
FEATURES
DESCRIPTION
, LTC and LT are registered trademarks of Linear Technology Corporation.
SMBus is a registered trademark of Intel Corporation.
s
Data Acquisition Systems
s
Process Control
s
Laptop Computers
s
Signal Multiplexing/Demultiplexing
s
Analog-to-Digital Conversion Systems
APPLICATIONS


Similar Part No. - LTC1380IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1380 LINER-LTC1380 Datasheet
245Kb / 12P
Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
LTC1380 LINER-LTC1380_15 Datasheet
245Kb / 12P
Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
More results

Similar Description - LTC1380IS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Linear Technology
LTC1390 LINER-LTC1390 Datasheet
225Kb / 8P
8-Channel Analog Multiplexer with Serial Interface
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
Sep-2002
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Linear Technology
LTC1390 LINER-LTC1390_15 Datasheet
168Kb / 8P
8-Channel Analog Multiplexer with Serial Interface
LTC1380 LINER-LTC1380_15 Datasheet
245Kb / 12P
Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
LTC1393 LINER-LTC1393_15 Datasheet
245Kb / 12P
Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com