Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1390CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1390CS
Description  8-Channel Analog Multiplexer with Serial Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1390CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1390CS Datasheet HTML 1Page - Linear Technology LTC1390CS Datasheet HTML 2Page - Linear Technology LTC1390CS Datasheet HTML 3Page - Linear Technology LTC1390CS Datasheet HTML 4Page - Linear Technology LTC1390CS Datasheet HTML 5Page - Linear Technology LTC1390CS Datasheet HTML 6Page - Linear Technology LTC1390CS Datasheet HTML 7Page - Linear Technology LTC1390CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1390
ELECTRICAL C
C
HARA TERISTICS
V+ = 3V, V= GND = 0V, TA = operating temperature unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Dynamic
fCLK
Clock Frequency
5
MHz
tON
Enable Turn-On Time
VS = 1.5V, RL = 1k, CL = 35pF (Note 4)
490
700
ns
tOFF
Enable Turn-Off Time
VS = 1.5V, RL = 1k, CL = 35pF (Note 4)
190
300
ns
tOPEN
Break-Before-Make Interval
(Note 4)
125
290
ns
OIRR
Off Isolation
VS = 2VP-P, RL = 1k, f = 100kHz
70
dB
OINJ
Charge Injection
RS = 0, CL = 1000pF, VS = 1V (Note 2)
±1
±5pC
CS(OFF)
Source Off Capacitance
5pF
CD(OFF)
Drain Off Capacitance
10
pF
Supply
I+
Positive Supply Current
All Logic Inputs Tied Together, VIN = 0V or VIN = 3V
q
0.2
2
µA
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute maximum ratings are those beyond which the safety of
the device may be impaired.
Note 2: Guaranteed by design.
Note 3: Leakage current with a single 3V supply is guaranteed by
correlation with the leakage current of the
±5V supply.
Note 4: Timing specifications with a single 3V supply is guaranteed by
correlation with the timing specifications of the
±5V supply.
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Output High Voltage
vs Output Current
TEMPERATURE (˚C)
0
200
250
300
30
50
LTC1390 • G01
150
100
10
20
40
60
70
50
0
V+ = 3V
V = 0V
VS = 1.2V
V+ = 5V
V = – 5V
VS = 0V
ON-Resistance vs Temperature
OUTPUT VOLTAGE (V)
2.0
–3
–2
–1
3.5
4.5
LTC1390 • G03
–4
–5
2.5
3.0
4.0
5.0
–6
–7
0
TA = 25°C
V+ = 5V
V= –5V
DATA 2
DATA 1
OUTPUT VOLTAGE (V)
0
2
4
6
1
3
5
0.2
0.4
0.6
0.8
LTC1390 • G02
1.0
0.1
0
0.3
0.5
0.7
0.9
TA = 25°C
V+ = 5V
V = –5V
DATA 1
DATA 2
Driver Output Low Voltage
vs Output Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com