Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1393IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1393IGN
Description  Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1393IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1393IGN Datasheet HTML 4Page - Linear Technology LTC1393IGN Datasheet HTML 5Page - Linear Technology LTC1393IGN Datasheet HTML 6Page - Linear Technology LTC1393IGN Datasheet HTML 7Page - Linear Technology LTC1393IGN Datasheet HTML 8Page - Linear Technology LTC1393IGN Datasheet HTML 9Page - Linear Technology LTC1393IGN Datasheet HTML 10Page - Linear Technology LTC1393IGN Datasheet HTML 11Page - Linear Technology LTC1393IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1380/LTC1393
TYPICAL APPLICATIONS
16-Channel Multiplexer with Buffer
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1380
0.1
µF
15k
16
ANALOG
INPUTS
15k
5V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1380/93 TA04
S0
S1
S2
S3
S4
S5
S6
S7
VCC
SCL
SDA
A0
A1
GND
VEE
DO
LTC1380
S0
S1
S2
S3
S4
S5
S6
S7
VCC
SCL
SDA
A0
A1
GND
VEE
DO
0.1
µF
VOUT
–5V
LT1351
SMBus
HOST
SCL
SDA
Programmable Gain Amplifier
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1380
0.1
µF
15k
15k
0.1
µF
–5V
VOUT
ANALOG INPUT
5V
R0
R1
R2
R3
R4
R5
R6
R7
RF
1380/93 TA05
S0
S1
S2
S3
S4
S5
S6
S7
VCC
SCL
SDA
A0
A1
GND
VEE
DO
–
+
LT1055
SMBus
HOST
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com