Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA17 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SA17
Description  Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA17 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SA17 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA17 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA17 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA17 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA17 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SA17 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CREAT BY ART
(TA=25
oC unless otherwise noted)
Document Number: DS_D1406029
Version: I14
SA SERIES
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0
25
50
75
100
125
0
25
50
75
100
125
150
175
200
TEMPERATURE, (oC)
FIG.2- POWER DERATING CURVE
TL
TA
10
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 4- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
8.3ms Single Half Sine Wave
0
50
100
150
0.0
1.0
2.0
3.0
4.0
t, TIME ms
FIG. 3- CLAMPING POWER PULSE WAVEFORM
Peak Value
IPPM
tr=10μs
Half Value-IPPM/2
10/1000μs, WAVEFORM
as DEFINED by R.E.A.
PULSE WIDTH(td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS
to 50% OF IPPM
td
10
100
1000
10000
1
10
100
1000
V(BR), BREAKDOWN VOLTAGE. VOLTS
FIG. 5- TYPICAL JUNCTION CAPACITANCE
(UNIDIRECTIONAL)
f=1.0MHz
Vsig=50mVp-p
VR=0
MEASURED at
STAND-OFF
VOLTAGE,VWM
0.01
0.1
1
10
100
0
1
10
100
1,000
10,000
tp, PULSE WIDTH, sec
FIG. 1- PEAK PULSE POWER RATING CURVE
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
IMPULSE
EXPONENTIAL
DECAY
HALF SINE
SQUARE
PPK".5"
PPK
PPK



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com