Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA18 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SA18
Description  Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA18 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SA18 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA18 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA18 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA18 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA18 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SA18 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CREAT BY ART
- Excellent clamping capability
- Low dynamic impedance
- 500W surge capability at 10 / 1000 μs waveform
- Typical IR less than 1μA above 10V
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
SYMBOL
PPK
TJ
TSTG
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2
Note 2: Mounted on 10 x 10 mm Copper Pads to Each Terminal
Note 3: 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types SA5.0 through Types SA170.
2. Electrical Characterstics Apply in Both Directions
PART NO.
PART NO.
SA10
SA10
Document Number: DS_D1406029
Version: I14
3.5
Green compound
DESCRIPTION
1,000 / Bulk packing
3,500 / 13" Paper reel
1,500 / Ammo box
PACKING
Maximum instantaneous forward voltage at 35 A for
Unidirectional only
VF
Volts
SA10 A0
A0
SA10 A0G
A0
G
DO-15
Note 1: "xxx" defines voltage from 5.0V (SA5.0) to 170V (SA170)
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
SAxxx
(Note 1)
A0
Suffix "G"
DO-15
R0
DO-15
B0
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
Operating junction temperature range
- 55 to +175
OC
Storage temperature range
- 55 to +175
OC
Steady state power dissipation at TL=75
oC
lead lengths .375", 9.5mm (Note 2)
PD
3
Watts
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load (Note 3)
IFSM
70
A
PARAMETER
VALUE
UNIT
Peak power dissipation at TA=25
oC, Tp=1ms (Note 1)
500
Watts
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
DO-204AC (DO-15)
MECHANICAL DATA
Case:
DO-204AC (DO-15)
Weight:
0.4g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
SA SERIES
Taiwan Semiconductor
Transient Voltage Suppressor
FEATURES
- Fast response time: Typically less than
1.0ps from 0 volt to VBR for unidirectional
and 5.0ns for bidirectional


Similar Part No. - SA18

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA18 PANJIT-SA18 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA18 WTE-SA18 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA18 BYTES-SA18 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA18 DCCOM-SA18 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA18 EIC-SA18 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA18

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com