Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1391CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1391CS
Description  8-Channel Analog Multiplexer with Cascadable Serial Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1391CS Datasheet(HTML) 7 Page - Linear Technology

  LTC1391CS Datasheet HTML 1Page - Linear Technology LTC1391CS Datasheet HTML 2Page - Linear Technology LTC1391CS Datasheet HTML 3Page - Linear Technology LTC1391CS Datasheet HTML 4Page - Linear Technology LTC1391CS Datasheet HTML 5Page - Linear Technology LTC1391CS Datasheet HTML 6Page - Linear Technology LTC1391CS Datasheet HTML 7Page - Linear Technology LTC1391CS Datasheet HTML 8Page - Linear Technology LTC1391CS Datasheet HTML 9Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
LTC1391
TYPICAL APPLICATIONS
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V –
DOUT
DIN
CS
CLK
GND
LTC1391
A
1
2
3
4
8
7
6
5
VCC
CLK
DOUT
CS
VREF
+IN
–IN
GND
LTC1286
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V –
DOUT
DIN
CS
CLK
GND
ANALOG
INPUTS
LTC1391
E
1391 TA04
5V
DATA IN
CS
CLK
0.1
µF BYPASS CAPACITORS FROM
V+ TO GND FOR EACH LTC1391
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V –
DOUT
DIN
CS
CLK
GND
LTC1391
B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V –
DOUT
DIN
CS
CLK
GND
LTC1391
C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V –
DOUT
DIN
CS
CLK
GND
LTC1391
D
0.1
µF
ANALOG
INPUTS
ANALOG
INPUTS
ANALOG
INPUTS
ANALOG
INPUTS
DATA
OUT
Daisy-Chaining Five LTC1391s



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com