Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1392CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1392CS8
Description  Micropower Temperature, Power Supply and Differential Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1392CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1392CS8 Datasheet HTML 4Page - Linear Technology LTC1392CS8 Datasheet HTML 5Page - Linear Technology LTC1392CS8 Datasheet HTML 6Page - Linear Technology LTC1392CS8 Datasheet HTML 7Page - Linear Technology LTC1392CS8 Datasheet HTML 8Page - Linear Technology LTC1392CS8 Datasheet HTML 9Page - Linear Technology LTC1392CS8 Datasheet HTML 10Page - Linear Technology LTC1392CS8 Datasheet HTML 11Page - Linear Technology LTC1392CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1392
© LINEAR TECHNOLOGY CORPORATION 1995
1392f LT/TP 0497 7K • PRINTED IN USA
APPLICATI
TYPICAL
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507qTELEX: 499-3977q www.linear-tech.com
1
2
3
4
8
7
6
5
VCC
–VIN
+VIN
GND
P1.4
P1.3
P1.2
DIN
DOUT
CLK
CS
LTC1392
1392 TA05
5V
5V
MPU
(e.g., 8051)
LT1004-1.2
* 1% FILM RESISTOR
IDEAL OUTPUT (V) =
–11.15mV/
°C • TEMPERATURE + 1.371
TEMPERATURE RANGE: 38
°C TO 80°C ±4°C
ERT-D2FHL103S DIVIDER OUTPUT VOLTAGE
VS TEMPERATURE
TEMPERATURE (
°C)
20
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
70
30
40
60
80
IDEAL OUTPUT (V) =
–11.15mV/
°C • TEMPERATURE + 1.371
ACTUAL
DIVIDER
OUTPUT
R2*
1.8k
RT = ERT – D2FHL103S
ASSUMING 3%
β AND
10% RTO TOLERANCES
R1*
6.8k
Measuring a Secondary Temperature with an External Thermistor
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENT
LT1025
Micropower Thermocouple Cold Junction Compensator
Compatible with Standard Thermocouples (E, J, K, R, S, T)
LTC1285/LTC1288
3V Micropower 12-Bit ADCs with Auto Shutdown
Differential or 2-Channel Multiplexed, Single Supply
LTC1286/LTC1298
Micropower 12-Bit ADCs with Auto Shutdown
Differential or 2-Channel Multiplexed, Single Supply
LTC1391
Low Power, Precision 8-to-1 Analog Multiplexer
SPI, QSPI Compatible, Single 5V or 3V, Low RON, Low Charge Injection
LM334
Constant Current Source and Temperature Sensor
3 Pins, Current Out Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com