Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGF1007G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UGF1007G
Description  Isolated Ultra Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF1007G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UGF1007G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF1007G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UGF1007G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UGF1007G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High efficiency, low VF
- High current capability
- High reliability
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
ns
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1309052
Version: D13
UGF1004G thru UGF1008G
Taiwan Semiconductor
Isolated Ultra Fast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Mounting torque:
5 in-lbs maximum
Weight:
1.7 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
MECHANICAL DATA
Case:
ITO-220AB
Polarity:
As marked
ITO-220AB
1.70
Maximum DC blocking voltage
Maximum average forward rectified current
10
Maximum repetitive peak reverse voltage
Maximum RMS voltage
500
600
140
210
25
V
Maximum instantaneous forward voltage (Note 1)
IF= 5 A
VF
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
70
A
0.95
1.25
- 55 to +150
- 55 to +175
- 55 to +150
μA
100
Maximum reverse current @ rated VR
TJ=25 ℃
TJ=125 ℃
IR
10
Maximum reverse recovery time (Note 2)
20
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
200
300
400
Typical thermal resistance
6.0
Operating junction temperature range
Storage temperature range
- 55 to +175
280
350
420
200
300
400
500
600
UNIT
UGF
1005G
UGF
1006G
UGF
1007G
UGF
1008G
PARAMETER
SYMBOL
UGF
1004G


Similar Part No. - UGF1007G

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
UGF1007G THINKISEMI-UGF1007G Datasheet
1Mb / 2P
10.0 Amperes Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
UGF1007GA TSC-UGF1007GA Datasheet
221Kb / 3P
Isolated Ultra Fast Rectifiers
logo
Thinki Semiconductor Co...
UGF1007GA THINKISEMI-UGF1007GA Datasheet
871Kb / 2P
10.0 Amperes Insulated Package Dual Common Anode Ultra Fast Recovery Rectifiers
UGF1007GD THINKISEMI-UGF1007GD Datasheet
871Kb / 2P
10.0 Amperes Insulated Package Dual Doubler Polarity Ultra Fast Recovery Rectifiers
UGF1007GS THINKISEMI-UGF1007GS Datasheet
871Kb / 2P
10.0 Amperes Insulated Package Dual Series Connection Ultra Fast Recovery Rectifiers
More results

Similar Description - UGF1007G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
ULTRA FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
UGF1004G TSC-UGF1004G Datasheet
238Kb / 3P
10.0AMPS. Isolated Glass Passivated Ultra Fast Rectifiers
UGF1004GA TSC-UGF1004GA Datasheet
221Kb / 3P
Isolated Ultra Fast Rectifiers
UGF8JD TSC-UGF8JD Datasheet
147Kb / 4P
Isolated Ultra Fast Rectifier
UGF12J TSC-UGF12J_13 Datasheet
232Kb / 3P
12.0AMPS. Isolated Ultra Fast Rectifiers
UGF2004G TSC-UGF2004G Datasheet
225Kb / 4P
Isolated Ultra Fast Rectifiers
logo
Thinki Semiconductor Co...
MUR8120F THINKISEMI-MUR8120F Datasheet
775Kb / 3P
8.0 Amperes/1200Volts Isolated Package Ultra Fast Recovery Rectifiers
MURF8120G THINKISEMI-MURF8120G Datasheet
1,018Kb / 3P
8.0 Amperes/1200Volts Isolated Package Ultra Fast Recovery Rectifiers
logo
Inchange Semiconductor ...
UGF8JD ISC-UGF8JD Datasheet
286Kb / 2P
Isolated Ultra Fast Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com