Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1409 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1409
Description  12-Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1409 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1409 Datasheet HTML 9Page - Linear Technology LTC1409 Datasheet HTML 10Page - Linear Technology LTC1409 Datasheet HTML 11Page - Linear Technology LTC1409 Datasheet HTML 12Page - Linear Technology LTC1409 Datasheet HTML 13Page - Linear Technology LTC1409 Datasheet HTML 14Page - Linear Technology LTC1409 Datasheet HTML 15Page - Linear Technology LTC1409 Datasheet HTML 16Page - Linear Technology LTC1409 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1409
S
APPLICATI
I FOR ATIO
INPUT FREQUENCY (Hz)
1
80
70
60
50
40
30
20
10
0
10
100
LTC1409 • TPC09
1000
10000
Figure 10a. CMRR vs Input Frequency
The output is two’s complement binary with 1LSB =
FS – (– FS)/4096 = 5V/4096 = 1.22mV.
Figure 10b. Selectable 0V to 5V or
±2.5V Input Range
however, the bipolar zero error (BZE) will vary. The change
in BZE is typically less than 0.1% of the common mode
voltage. Dynamic performance is also affected by the
common mode voltage. THD will degrade as the inputs
approach either power supply rail, from 86dB with a
common mode of 0V to 75dB with a common mode of
2.5V or – 2.5V.
Differential inputs allow greater flexibility for accepting
different input ranges. Figure 10b shows a circuit that
converts a 0V to 5V analog input signal with no additional
translation circuitry.
Full-Scale and Offset Adjustment
Figure 11a shows the ideal input/output characteristics for
the LTC1409. The code transitions occur midway between
successive integer LSB values (i.e., –FS + 0.5LSB, –FS +
1.5LSB, –FS + 2.5LSB,. FS – 1.5LSB, FS – 0.5LSB).
INPUT RANGE
LTC1409 • F11a
111...111
111...110
111...101
000...000
000...001
000...010
FS – 1LSB
–(FS – 1LSB)
Figure 11a. LTC1409 Transfer Characteristics
In applications where absolute accuracy is important,
offset and full-scale errors can be adjusted to zero. Offset
error must be adjusted before full-scale error. Figure 11b
shows the extra components required for full-scale error
adjustment. Zero offset is achieved by adjusting the offset
applied to the – AIN input. For zero offset error apply –
0.61mV (i.e., – 0.5LSB) at +AIN and adjust the offset at the
–AIN input until the output code flickers between 0000
0000 0000 and 1111 1111 1111. For full-scale adjust-
ment, an input voltage of 2.49817V (FS/2 – 1.5LSBs) is
applied to AIN and R2 is adjusted until the output code
flickers between 0111 1111 1110 and 0111 1111 1111.
LTC1409
+AIN
ANALOG INPUT
–AIN
VREF
REFCOMP
AGND
LTC1409 • F11b
1
2
3
R4
100
Ω
R2
50k
R3
24k
–5V
R6
24k
R1
50k
R5
47k
4
5
10
µF
Figure 11b. Offset and Full-Scale Adjust Circuit
LTC1409
+AIN
ANALOG INPUT
–AIN
VREF
REFCOMP
AGND
LTC1409 • F10b
1
2
3
4
5
10
µF
2.5V
0V TO 5V
RANGE
1
µF
±2.5V RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com