Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGF2008G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UGF2008G
Description  Isolated Ultra Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF2008G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UGF2008G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF2008G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UGF2008G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UGF2008G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
UGF2004G
UGF2004G
(TA=25℃ unless otherwise noted)
Document Number: DS_D1310026
Version: A14
Green compound
DESCRIPTION
50 / Tube
PACKING
UGF2004G thru UGF2008G
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
UGF200xG
(Note 1)
C0
Suffix "G"
ITO-220AB
Note 1: "xx" defines voltage from 200V (UGF2004G) to 600V (UGF2008G)
UGF2004G C0G
C0
G
RATINGS AND CHARACTERISTICS CURVES
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
UGF2004G C0
C0
0
5
10
15
20
25
0
255075
100
125
150
175
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
UGF2007G-08G
UGF2004G-06G
0
20
40
60
80
100
120
140
160
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
TJ=25℃
TJ=125℃
04G
05G-06G
07G-08G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com