Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1405IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1405IGN
Description  12-Bit, 5Msps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1405IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC1405IGN Datasheet HTML 1Page - Linear Technology LTC1405IGN Datasheet HTML 2Page - Linear Technology LTC1405IGN Datasheet HTML 3Page - Linear Technology LTC1405IGN Datasheet HTML 4Page - Linear Technology LTC1405IGN Datasheet HTML 5Page - Linear Technology LTC1405IGN Datasheet HTML 6Page - Linear Technology LTC1405IGN Datasheet HTML 7Page - Linear Technology LTC1405IGN Datasheet HTML 8Page - Linear Technology LTC1405IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1405
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V, VSS = 0V
q
2.4
V
VDD = 5.25V, VSS = – 5V
q
3.5
V
VIL
Low Level Input Voltage
VDD = 4.75V, VSS = 0V
q
0.8
V
VDD = 4.75V, VSS = – 5V
q
1V
I TER AL REFERE CE CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
2.475
2.500
2.525
V
VCM Output Tempco
IOUT = 0
±15
ppm/
°C
VCM Line Regulation
4.75V
≤ VDD ≤ 5.25V
0.6
mV/V
– 5.25V
≤ VSS ≤ –4.75V
0.03
mV/V
VCM Output Resistance
0.1mA
IOUT≤ 0.1mA
8
VREF Output Voltage
SENSE = GND, IOUT = 0
4.096
V
SENSE = VREF, IOUT = 0
2.048
V
SENSE = VDD
Drive VREF with
V
External Reference
VREF Output Tempco
±15
ppm/
°C
TA = 25°C. Specifications are guaranteed for both dual supply and single supply operation. (Note 5)
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Specifications are guaranteed for both dual supply and single supply
operation. (Note 5)
The q denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. VDD = 5V, VSS = –5V, fSAMPLE = 5MHz, VREF = 4.096V. + AIN = – 0.1dBFS single ended input,
–AIN = 0V. (Note 6)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-Noise Plus Distortion Ratio
1MHz Input Signal
q
69.0
71.6
dB
2.5MHz Input Signal
q
68.7
71.3
dB
THD
Total Harmonic Distortion
1MHz Input Signal, First 5 Harmonics
q
– 87
– 78.5
dB
2.5MHz Input Signal, First 5 Harmonics
q
– 83
– 77.0
dB
SFDR
Peak Harmonic or Spurious Noise
1MHz Input Signal
q
– 89
– 79.5
dB
2.5MHz Input Signal
q
– 85
– 78.0
dB
IMD
Intermodulation Distortion
fIN1 = 29.37kHz, fIN2 = 32.446kHz
– 80
dB
Full-Power Bandwidth
100
MHz
Input Referred Noise
±2.048V Input Range
0.22
LSBRMS
±1.024V Input Range, 2x Mode (SENSE = GAIN = 0V)
0.33
LSBRMS
ACCURACY
IC
DY A
PUT
I
A
A
LOG
The q denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. Specifications are guaranteed for both dual supply and single supply operation. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tAP
Sample-and-Hold Aperture Delay Time
– 250
ps
tjitter
Sample-and-Hold Aperture Delay Time Jitter
0.6
ps
CMRR
Analog Input Common Mode Rejection Ratio
–2.048V < (–AIN = +AIN) < 2.048V
75
dB
DIGITAL I PUTS AND OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com