Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLTMGL-593 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLTMGL-593
Description  Yellow Diode Pumped Solid State Laser
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLTMGL-593 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLTMGL-593 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLTMGL-593 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLTMGL-593 Datasheet HTML 3Page - Roithner LaserTechnik GmbH RLTMGL-593 Datasheet HTML 4Page - Roithner LaserTechnik GmbH RLTMGL-593 Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
12.08.2010
rltmgl_593_1-30mw.doc
1 of 5
Yellow Diode Pumped Solid State Laser
All solid state 593.5 nm yellow laser featuring compact size, long lifetime, and low cost, and easy
operatability,
which
is
widely
used
for
scientific
experiments,
measurements,
optical
sensors,
communication, spectrum analysis, medical treatment, etc.
Specifications
Wavelength
593.5 ±1 nm
Output Power
1 - 30 mW
Transverse Mode
Near TEM00
Operating Mode
CW
Power Stability (rms, over 4 hours)
< 3%, < 5%, 10%
Warm-up time
< 15 min
M² factor
< 1.5
Beam Divergence (full angle)
< 1.5 mrad
Beam Diameter (at the aperature)
~ 2.0 mm
Beam Height (from base plate)
24.8 mm
Polarization ratio
> 100:1 ( 0° or 90°)
Pointing stability after warm up
< 0.05
Operating Temperature
10 - 35 °C
Power Supply (90-260VAC)
PSU-FDA (included)
Expected Lifetime
10000 hours
Warranty period
1 year
Options
PSU-LED (90-260VAC)
Power supply featuring adjustable ouptut power and current
display
PSU-OEM (5VDC)
DC power supply for system integration
Fiber coupling
Multi mode/single mode fiber, SMA-905/FC connector
RLTMGL-593 1-30 mW


Similar Part No. - RLTMGL-593

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLTMGL-501 ROITHNER-RLTMGL-501 Datasheet
343Kb / 2P
ld pumped all-solid-state
RLTMGL-515 ROITHNER-RLTMGL-515 Datasheet
233Kb / 5P
Green Diode Pumped Solid State Laser
RLTMGL-523 ROITHNER-RLTMGL-523 Datasheet
392Kb / 2P
ld pumped all-solid-state
RLTMGL-526 ROITHNER-RLTMGL-526 Datasheet
394Kb / 2P
ld pumped all-solid-state
RLTMGL-532 ROITHNER-RLTMGL-532 Datasheet
411Kb / 5P
Green Diode Pumped Solid State Laser
More results

Similar Description - RLTMGL-593

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLTMBL-457 ROITHNER-RLTMBL-457 Datasheet
323Kb / 4P
Green Diode Pumped Solid State Laser
RLTMBL-H-473 ROITHNER-RLTMBL-H-473 Datasheet
226Kb / 5P
Blue Diode Pumped Solid State Laser
RLTMGL-515 ROITHNER-RLTMGL-515 Datasheet
233Kb / 5P
Green Diode Pumped Solid State Laser
RLTMGL-532 ROITHNER-RLTMGL-532 Datasheet
411Kb / 5P
Green Diode Pumped Solid State Laser
RLTMLL-532 ROITHNER-RLTMLL-532 Datasheet
169Kb / 4P
Green Diode Pumped Solid State Laser
RLTMLL-671 ROITHNER-RLTMLL-671 Datasheet
160Kb / 3P
Green Diode Pumped Solid State Laser
RLTMRL-660 ROITHNER-RLTMRL-660 Datasheet
226Kb / 4P
Red Diode Pumped Solid State Laser
RLTMRL-671 ROITHNER-RLTMRL-671 Datasheet
302Kb / 4P
Green Diode Pumped Solid State Laser
RLTMRL-722 ROITHNER-RLTMRL-722 Datasheet
316Kb / 5P
Infrared Diode Pumped Solid State Laser
RLTMSL-532 ROITHNER-RLTMSL-532 Datasheet
452Kb / 4P
Green Diode Pumped Solid State Laser
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com