Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLTMLL-405 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLTMLL-405
Description  Violet Laser Diode Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLTMLL-405 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLTMLL-405 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLTMLL-405 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLTMLL-405 Datasheet HTML 3Page - Roithner LaserTechnik GmbH RLTMLL-405 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
20.09.2012
RLTMLL-405 1-300 mW
1 of 4
LOW NOISE LASER
Violet Laser Diode Module
Violet low noise diode laser module at 405nm is made features of ultra compact, long lifetime, low cost and
easy operating, which is used in measurement, communication, spectrum analysis, etc.
Specifications
Wavelength
405 ±5 nm
Output Power
1 - 300 mW
Transverse Mode
Near TEM00
Operating Mode
CW
Power Stability (rms, over 4 hours)
< 1%, < 3%, < 5%
Warm-up time
< 5 min
Beam Divergence (full angle)
< 0.5 mrad
Beam Diameter (at the aperature)
~ 4.0 mm
Beam Height (from base plate)
24.8 mm
Pointing stability after warm up
< 0.05 mrad
Noise of Amplitude (1-20MHz)
< 1%
Operating Temperature
10 - 35 °C
Power Supply (90-260VAC)
PSU-FDA (included)
Expected Lifetime
10000 hours
Warranty period
1 year
Options
PSU-LED (90-260VAC)
Power supply featuring adjustable output power and current
display
Fiber coupling
Multi mode/single mode fiber, SMA-905/FC connector
RLTMLL-405 1-300 mW


Similar Part No. - RLTMLL-405

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLTMLL-457 ROITHNER-RLTMLL-457 Datasheet
176Kb / 3P
Green Diode Pumped Solid State Laser
More results

Similar Description - RLTMLL-405

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLDE405M-20-5 ROITHNER-RLDE405M-20-5 Datasheet
384Kb / 2P
violet diode laser module
RLDE405M-50-5 ROITHNER-RLDE405M-50-5 Datasheet
384Kb / 2P
violet diode laser module
RLDE405M-100-5 ROITHNER-RLDE405M-100-5 Datasheet
386Kb / 2P
violet diode laser module
STAR405F5 ROITHNER-STAR405F5 Datasheet
230Kb / 1P
compact violet laser diode module
STAR405F10 ROITHNER-STAR405F10 Datasheet
232Kb / 1P
compact violet laser diode module
STAR405F20 ROITHNER-STAR405F20 Datasheet
232Kb / 1P
compact violet laser diode module
STAR450F5 ROITHNER-STAR450F5 Datasheet
334Kb / 1P
compact violet laser diode module
STAR450F10 ROITHNER-STAR450F10 Datasheet
336Kb / 1P
compact violet laser diode module
CW405-01 ROITHNER-CW405-01 Datasheet
487Kb / 3P
Violet Laser Diode Module
CW405-05 ROITHNER-CW405-05 Datasheet
500Kb / 3P
Violet Laser Diode Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com