Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLTMLL-671 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLTMLL-671
Description  Green Diode Pumped Solid State Laser
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLTMLL-671 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLTMLL-671 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLTMLL-671 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLTMLL-671 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12.08.2010
rltmll_671_3-5w.doc
1 of 3
LOW NOISE LASER
Green Diode Pumped Solid State Laser
All solid state 671 nm low noise laser featuring of compact size, long lifetime, and low cost, which is widely
used for DNA sequencing, flow cytometry, cell sorting, chip inspection, holograpy, spectrum analysis, etc.
Specifications
Wavelength
671 ±1 nm
Output Power
3 - 5 W
Transverse Mode
Near TEM00
Operating Mode
CW
Power Stability (rms, over 4 hours)
< 1%, < 3%, < 5%
Warm-up time
< 15 min
M² factor
< 3.0 – 6.0
Beam Divergence (full angle)
< 2.0 mrad
Beam Diameter (at the aperature)
~ 4.0 mm
Beam Height (from base plate)
93.5 mm
Polarization ratio
> 100:1
Noise of amplitude (rms, 1 - 20Mhz)
< 1%
Operating Temperature
10 - 35 °C
Power Supply (90-260VAC)
PSU-FDA (included)
Expected Lifetime
10000 hours
Warranty period
1 year
Options
Fiber coupling
Multi mode/single mode fiber, SMA-905/FC connector
RLTMLL-671 3-5W


Similar Part No. - RLTMLL-671

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLTMLL-405 ROITHNER-RLTMLL-405 Datasheet
483Kb / 4P
Violet Laser Diode Module
RLTMLL-457 ROITHNER-RLTMLL-457 Datasheet
176Kb / 3P
Green Diode Pumped Solid State Laser
RLTMLL-532 ROITHNER-RLTMLL-532 Datasheet
169Kb / 4P
Green Diode Pumped Solid State Laser
More results

Similar Description - RLTMLL-671

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CW532-005L ROITHNER-CW532-005L Datasheet
105Kb / 2P
Green Diode Pumped Solid State Laser Module
CW532-010L ROITHNER-CW532-010L Datasheet
105Kb / 2P
Green Diode Pumped Solid State Laser Module
CW532-020L ROITHNER-CW532-020L Datasheet
105Kb / 2P
Green Diode Pumped Solid State Laser Module
RLTMBL-457 ROITHNER-RLTMBL-457 Datasheet
323Kb / 4P
Green Diode Pumped Solid State Laser
RLTMGL-515 ROITHNER-RLTMGL-515 Datasheet
233Kb / 5P
Green Diode Pumped Solid State Laser
RLTMGL-532 ROITHNER-RLTMGL-532 Datasheet
411Kb / 5P
Green Diode Pumped Solid State Laser
RLTMLL-457 ROITHNER-RLTMLL-457 Datasheet
176Kb / 3P
Green Diode Pumped Solid State Laser
RLTMLL-532 ROITHNER-RLTMLL-532 Datasheet
169Kb / 4P
Green Diode Pumped Solid State Laser
RLTMRL-671 ROITHNER-RLTMRL-671 Datasheet
302Kb / 4P
Green Diode Pumped Solid State Laser
RLTMSL-532 ROITHNER-RLTMSL-532 Datasheet
452Kb / 4P
Green Diode Pumped Solid State Laser
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com