Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLTMRL-655R Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLTMRL-655R
Description  Red Diode Laser
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLTMRL-655R Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLTMRL-655R Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLTMRL-655R Datasheet HTML 2Page - Roithner LaserTechnik GmbH RLTMRL-655R Datasheet HTML 3Page - Roithner LaserTechnik GmbH RLTMRL-655R Datasheet HTML 4Page - Roithner LaserTechnik GmbH RLTMRL-655R Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
14.10.2011
RLTMRL-655R 1-200 mW
1 of 5
ROUND SPOT BEAM PROFIL
Red Diode Laser
655 nm red diode laser featuring compact size, long lifetime, low cost and easy operatability, which is widely
used for scientific experiments, measurements, optical sensors, communication, spectrum analysis, medical
treatment, etc.
Specifications
Wavelength
655 ±5 nm
Output Power
1 - 200 mW
Beam Spot
Round
Operating Mode
CW
Power Stability (rms, over 4 hours)
< 1%, < 3%, < 5%
Warm-up time
< 5 min
Beam Divergence (full angle)
< 8.0 mrad
Beam Diameter (at the aperature)
~ 2.0 mm
Beam Height (from base plate)
24.8 mm
Pointing stability after warm up
< 0.05
Operating Temperature
10 - 35 °C
Power Supply (90-260VAC)
PSU-FDA (included)
Expected Lifetime
10000 hours
Warranty period
1 year
Options
PSU-LED (90-260VAC)
Power supply featuring adjustable ouptut power and current
display
PSU-OEM (5VDC)
DC power supply for system integration
TTL modulation
1-30 kHz
Analog modulation
1-30kHz, 0-5V
Fiber coupling
Multi mode/single mode fiber, SMA-905/FC connector
RLTMRL-655R 1-200 mW


Similar Part No. - RLTMRL-655R

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLTMRL-660 ROITHNER-RLTMRL-660 Datasheet
226Kb / 4P
Red Diode Pumped Solid State Laser
RLTMRL-671 ROITHNER-RLTMRL-671 Datasheet
302Kb / 4P
Green Diode Pumped Solid State Laser
RLTMRL-685 ROITHNER-RLTMRL-685 Datasheet
181Kb / 1P
red diode laser
More results

Similar Description - RLTMRL-655R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT050PS SHARP-LT050PS Datasheet
23Kb / 1P
Red Laser Diode
logo
Sanyo Semicon Device
DL-3147-065 SANYO-DL-3147-065 Datasheet
35Kb / 2P
RED LASER DIODE
DL-LS1034 SANYO-DL-LS1034 Datasheet
43Kb / 2P
RED LASER DIODE
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
RED LASER DIODE
DL-3247-165 SANYO-DL-3247-165 Datasheet
38Kb / 2P
RED LASER DIODE
logo
Roithner LaserTechnik G...
S6305MG ROITHNER-S6305MG Datasheet
213Kb / 5P
Red Laser Diode
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
red laser diode
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
Red Diode Laser
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
red diode laser
RLTMRL-685 ROITHNER-RLTMRL-685 Datasheet
181Kb / 1P
red diode laser
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com