Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1418 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1418
Description  Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1418 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1418 Datasheet HTML 9Page - Linear Technology LTC1418 Datasheet HTML 10Page - Linear Technology LTC1418 Datasheet HTML 11Page - Linear Technology LTC1418 Datasheet HTML 12Page - Linear Technology LTC1418 Datasheet HTML 13Page - Linear Technology LTC1418 Datasheet HTML 14Page - Linear Technology LTC1418 Datasheet HTML 15Page - Linear Technology LTC1418 Datasheet HTML 16Page - Linear Technology LTC1418 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LTC1418
APPLICATIONS INFORMATION
Figure 9a. LTC1418 Unipolar Transfer Characteristics
ANALOG INPUT
1418 F10a
5V
R4
100
Ω
R2
50k
R3
24k
R7
48k
R6
24k
R1
50k
R5
47k
0.1
µF
10
µF
R8
100
Ω
1
2
3
4
5
LTC1418
AIN
+
AIN
–
VREF
REFCOMP
AGND V
SS
VDD
Figure 10a. Offset and Full-Scale Adjust Circuit
If – 5V Is Not Available
UNIPOLAR / BIPOLAR OPERATION AND ADJUSTMENT
Figure 9a shows the ideal input/output characteristics for
the LTC1418. The code transitions occur midway between
successive integer LSB values (i.e., 0.5LSB, 1.5LSB,
2.5LSB, … FS – 1.5LSB). The output code is natural binary
with 1LSB = FS/16384 = 4.096V/16384 = 250
µV.Figure9b
shows the input/output transfer characteristics for the
bipolar mode in two’s complement format.
Unipolar Offset and Full-Scale Error Adjustment
In applications where absolute accuracy is important,
offset and full-scale errors can be adjusted to zero. Offset
error must be adjusted before full-scale error. Figures
10a and 10b show the extra components required for full-
scale error adjustment. Zero offset is achieved by adjust-
ing the offset applied to the AIN– input. For zero offset
error apply 125
µV (i.e., 0.5LSB) at the input and adjust
the offset at the AIN– input until the output code flickers
between 0000 0000 0000 00 and 0000 0000 0000 01. For
full-scale adjustment, an input voltage of 4.095625V
(FS – 1.5LSBs) is applied to AIN+ and R2 is adjusted until
the output code flickers between 1111 1111 1111 10 and
1111 1111 1111 11.
Bipolar Offset and Full-Scale Error Adjustment
Bipolar offset and full-scale errors are adjusted in a similar
fashion to the unipolar case. Again, bipolar offset error
must be adjusted before full-scale error. Bipolar offset
Figure 9b. LTC1418 Bipolar Transfer Characteristics
Figure 10b. Offset and Full-Scale Adjust Circuit
If – 5V Is Available
INPUT VOLTAGE (V)
0V
–1
LSB
1418 F9b
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FS/2 – 1LSB
–FS/2
FS = 4.096V
1LSB = FS/16384
ANALOG INPUT
1418 F10b
5V
–5V
–5V
1N5817
R4
100
Ω
R2
50k
R3
24k
R6
24k
R1
50k
R5
47k
0.1
µF
*
*ONLY NEEDED IF VSS GOES
ABOVE GROUND
10
µF
1
2
3
4
5
LTC1418
AIN
+
AIN
–
VREF
REFCOMP
AGND V
SS
VDD
INPUT VOLTAGE (V)
0V
FS – 1LSB
1418 F9a
111...111
111...110
111...101
111...100
000...000
000...001
000...010
000...011
1
LSB
UNIPOLAR
ZERO
1LSB =
FS
16384
4.096V
16384
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com