Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAR405F10 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # STAR405F10
Description  compact violet laser diode module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

STAR405F10 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  STAR405F10 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24.05.2013
STAR405F10
1 / 1
STAR405F10
Description
STAR405 series of Laser diode modules has been designed with emphasis on superior beam quality,
high power stability, and reliable operation. The modules body is made of black anodized aluminum,
enclosing laser diode, lens, and driving electronics. STAR405 features a focusable glass lens optic
with a locking mechanism. It can thus be used for long range applications and very short working
distances alike. The incorporated 6VDC driver circuit supports TTL modulation up to 300 kHz.
Specifications
Parameter
Value
Wavelength
405 nm
Output Power
10 mW
Power Stability (over 4 hours)
5%
Laser Class
3B
Beam Diameter at Aperture
4.5 x 2.5 mm
Beam Divergence
0.3 mrad
Operating Voltage
6 VDC
Operating Current
40 mA
Modulation (TTL)
< 300 kHz
Operating Temperature
-10°C ..+70°C
Storage Temperature
-30°C ..+80°C
Material Body
Aluminum, black anodized
Material Lens
Glass
Dimensions
Ø 16 mm x 60 mm
Leads (26AWG PVC free)
Ø 0.25 mm² x 170 mm
MTTF
8000 h
Drawing
Electrical Connection
Lead
Description
Red
+ 6VDC
Black
GND
Yellow
Modulation Input*
*For CW operation connect modulation input to supply +voltage


Similar Part No. - STAR405F10

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
STAR405F20 ROITHNER-STAR405F20 Datasheet
232Kb / 1P
compact violet laser diode module
STAR405F5 ROITHNER-STAR405F5 Datasheet
230Kb / 1P
compact violet laser diode module
More results

Similar Description - STAR405F10

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLDE405M-20-5 ROITHNER-RLDE405M-20-5 Datasheet
384Kb / 2P
violet diode laser module
RLDE405M-50-5 ROITHNER-RLDE405M-50-5 Datasheet
384Kb / 2P
violet diode laser module
RLDE405M-100-5 ROITHNER-RLDE405M-100-5 Datasheet
386Kb / 2P
violet diode laser module
RLTMLL-405 ROITHNER-RLTMLL-405 Datasheet
483Kb / 4P
Violet Laser Diode Module
STAR405F5 ROITHNER-STAR405F5 Datasheet
230Kb / 1P
compact violet laser diode module
STAR405F20 ROITHNER-STAR405F20 Datasheet
232Kb / 1P
compact violet laser diode module
STAR450F5 ROITHNER-STAR450F5 Datasheet
334Kb / 1P
compact violet laser diode module
STAR450F10 ROITHNER-STAR450F10 Datasheet
336Kb / 1P
compact violet laser diode module
CW405-01 ROITHNER-CW405-01 Datasheet
487Kb / 3P
Violet Laser Diode Module
CW405-05 ROITHNER-CW405-05 Datasheet
500Kb / 3P
Violet Laser Diode Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com