Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1435AC Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1435AC
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435AC Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1435AC Datasheet HTML 5Page - Linear Technology LTC1435AC Datasheet HTML 6Page - Linear Technology LTC1435AC Datasheet HTML 7Page - Linear Technology LTC1435AC Datasheet HTML 8Page - Linear Technology LTC1435AC Datasheet HTML 9Page - Linear Technology LTC1435AC Datasheet HTML 10Page - Linear Technology LTC1435AC Datasheet HTML 11Page - Linear Technology LTC1435AC Datasheet HTML 12Page - Linear Technology LTC1435AC Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1435A
APPLICATIONS INFORMATION
a fixed inductor value, but it is very dependent on induc-
tance selected. As inductance increases, core losses go
down. Unfortunately, increased inductance requires more
turns of wire and therefore copper losses will increase.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard,” which means that in-
ductance collapses abruptly when the peak design current
is exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple.Do not
allow the core to saturate!
Molypermalloy (from Magnetics, Inc.) is a very good, low
loss core material for toroids, but it is more expensive than
ferrite. A reasonable compromise from the same manufac-
turer is Kool M
µ.Toroidsareveryspaceefficient,especially
when you can use several layers of wire. Because they
generally lack a bobbin, mounting is more difficult. How-
ever, designs for surface mount are available which do not
increase the height significantly.
Power MOSFET and D1 Selection
Two external power MOSFETs must be selected for use with
the LTC1435A: an N-channel MOSFET for the top (main)
switch and an N-channel MOSFET for the bottom (synchro-
nous) switch.
The peak-to-peak gate drive levels are set by the INTVCC
voltage. This voltage is typically 5V during start-up (see
EXTVCC Pin Connection). Consequently, logic level thresh-
old MOSFETs must be used in most LTC1435A applications.
The only exception is applications in which EXTVCC is
powered from an external supply greater than 8V (must be
less than 10V), in which standard threshold MOSFETs
(VGS(TH)<4V)maybeused.PaycloseattentiontotheBVDSS
specification for the MOSFETs as well; many of the logic level
MOSFETs are limited to 30V or less.
Selection criteria for the power MOSFETs include the “ON”
resistance RDS(ON), reverse transfer capacitance CRSS, in-
put voltage and maximum output current. When the
LTC1435A is operating in continuous mode the duty cycles
for the top and bottom MOSFETs are given by:
Main Switch Duty Cycle =
V
V
Synchronous Switch Duty Cycle =
V
OUT
IN
IN −
()
V
V
OUT
IN
The MOSFET power dissipations at maximum output cur-
rent are given by:
P
V
V
IR
IC
f
P
VV
V
IR
MAIN
OUT
IN
MAX
DS ON
MAX
RSS
SYNC
IN
OUT
IN
MAX
DS ON
=
() +
()
+
() (
)(
)( )
=
−
() +
()
()
()
2
185
2
1
1
δ
δ
k VIN
.
where
δ is the temperature dependency of RDS(ON) and k
is a constant inversely related to the gate drive current.
Both MOSFETs have I2R losses while the topside
N-channel equation includes an additional term for tran-
sition losses, which are highest at high input voltages.
For VIN < 20V the high current efficiency generally im-
proves with larger MOSFETs, while for VIN > 20V the
transition losses rapidly increase to the point that the use
of a higher RDS(ON) device with lower CRSS actual pro-
vides higher efficiency. The synchronous MOSFET losses
are greatest at high input voltage or during a short circuit
when the duty cycle in this switch is nearly 100%. Refer
to the Foldback Current Limiting section for further appli-
cations information.
The term (1 +
δ)isgenerallygivenforaMOSFETintheform
of a normalized RDS(ON) vs Temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs. CRSS is usually specified in the MOSFET
characteristics. The constant k = 2.5 can be used to esti-
mate the contributions of the two terms in the main switch
dissipation equation.
The Schottky diode D1 shown in Figure 1 conducts during
the dead-time between the conduction of the two large
power MOSFETs. This prevents the body diode of the bot-
tom MOSFET from turning on and storing charge during the
dead-time, which could cost as much as 1% in efficiency.
A 1A Schottky is generally a good size for 3A regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com