Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1435I Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1435I
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435I Datasheet(HTML) 2 Page - Linear Technology

  LTC1435I Datasheet HTML 1Page - Linear Technology LTC1435I Datasheet HTML 2Page - Linear Technology LTC1435I Datasheet HTML 3Page - Linear Technology LTC1435I Datasheet HTML 4Page - Linear Technology LTC1435I Datasheet HTML 5Page - Linear Technology LTC1435I Datasheet HTML 6Page - Linear Technology LTC1435I Datasheet HTML 7Page - Linear Technology LTC1435I Datasheet HTML 8Page - Linear Technology LTC1435I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1435
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
Input Supply Voltage (VIN).........................36V to – 0.3V
Topside Driver Supply Voltage (Boost) ...... 42V to – 0.3V
Switch Voltage (SW)............................. VIN + 5V to –5V
EXTVCC Voltage ........................................ 10V to – 0.3V
Sense+, Sense– Voltages ......... INTVCC + 0.3V to – 0.3V
ITH, VOSENSE Voltages .............................. 2.7V to – 0.3V
SFB, Run/SS Voltages .............................. 10V to – 0.3V
Peak Driver Output Current < 10
µs (TG, BG) ............. 2A
INTVCC Output Current ........................................ 50mA
Operating Ambient Temperature Range
LTC1435C............................................... 0
°C to 70°C
LTC1435I ............................................ – 40
°C to 85°C
Junction Temperature (Note 1)............................. 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LTC1435CG
LTC1435CS
LTC1435IG
LTC1435IS
TA = 25°C, VIN = 15V, VRUN/SS = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
IIN VOSENSE
Feedback Current
(Note 2)
10
50
nA
VOSENSE
Feedback Voltage
(Note 2)
q
1.178
1.19
1.202
V
∆VLINEREG
Reference Voltage Line Regulation
VIN = 3.6V to 20V (Note 2)
0.002
0.01
%/V
∆VLOADREG
Output Voltage Load Regulation
ITH Sinking 5µA (Note 2)
q
0.5
0.8
%
ITH Sourcing 5µA
q
– 0.5
– 0.8
%
VSFB
Secondary Feedback Threshold
VSFB Ramping Negative
q
1.16
1.19
1.22
V
ISFB
Secondary Feedback Current
VSFB = 1.5V
– 1
– 2
µA
VOVL
Output Overvoltage Lockout
1.24
1.28
1.32
V
IQ
Input DC Supply Current
EXTVCC = 5V (Note 3)
Normal Mode
3.6V < VIN < 30V
260
µA
Shutdown
VRUN/SS = 0V, 3.6V < VIN < 15V
16
25
µA
VRUN/SS
Run Pin Threshold
q
0.8
1.3
2
V
IRUN/SS
Soft Start Current Source
VRUN/SS = 0V
1.5
3
4.5
µA
∆VSENSE(MAX) Maximum Current Sense Threshold
VOSENSE = 0V, 5V
130
150
180
mV
TG Transition Time
TG tr
Rise Time
CLOAD = 3000pF
50
150
ns
TG tf
Fall Time
CLOAD = 3000pF
50
150
ns
BG Transition Time
BG tr
Rise Time
CLOAD = 3000pF
50
150
ns
BG tf
Fall Time
CLOAD = 3000pF
40
150
ns
Internal VCC Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTVCC = 4V
q
4.8
5.0
5.2
V
VLDO INT
INTVCC Load Regulation
IINTVCC = 15mA, VEXTVCC = 4V
– 0.2
– 1
%
VLDO EXT
EXTVCC Voltage Drop
IINTVCC = 15mA, VEXTVCC = 5V
130
230
mV
VEXTVCC
EXTVCC Switchover Voltage
IINTVCC = 15mA, VEXTVCC Ramping Positive
q
4.5
4.7
V
Oscillator
fOSC
Oscillator Frequency
COSC = 100pF (Note 4)
112
125
138
kHz
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
G PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
COSC
RUN/SS
ITH
SFB
SGND
VOSENSE
SENSE–
SENSE+
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
TJMAX = 125°C, θJA = 130°C/ W (G)
TJMAX = 125°C, θJA = 110°C/ W (S)
Consult factory for Military grade parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com