Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1430AIGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1430AIGN
Description  High Power Step-Down Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430AIGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1430AIGN Datasheet HTML 16Page - Linear Technology LTC1430AIGN Datasheet HTML 17Page - Linear Technology LTC1430AIGN Datasheet HTML 18Page - Linear Technology LTC1430AIGN Datasheet HTML 19Page - Linear Technology LTC1430AIGN Datasheet HTML 20Page - Linear Technology LTC1430AIGN Datasheet HTML 21Page - Linear Technology LTC1430AIGN Datasheet HTML 22Page - Linear Technology LTC1430AIGN Datasheet HTML 23Page - Linear Technology LTC1430AIGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1430A
© LINEAR TECHNOLOGY CORPORATION 1998
1430af, 1430afs LT/TP 0898 4K • PRINTED IN USA
+
+
+
+
+
+
+
L1
2.7
µH
VCC
IMAX
SHDN
COMP
SS
SGND
FSET
PVCC2
1
16
3
5
7
6
13
2
14
12
8
10
9
4
11
15
G1
G2
PGND
– SENSE
+SENSE
FB
IFB
PVCC1
LTC1430A
R6
10k
R2
3
Ω
R1
1k
R3
3
Ω
R4
51
R5
16.5k
1%
R9
88.7k
1%
R7
15k
R10
3.3k
R8
130k
C7
0.1
µF
C8
22
µF
35V
C12
330
6.3V
OSCON
C13
330
6.3V
OSCON
C4
330
6.3V
OSCON
1.5V OUT
C5
330
6.3V
OSCON
SHDN
5V
C6
0.01
µF
C16
0.1
µF
C2
680pF
C10
1
µF
C11
0.068
µF
C3
220pF
C1
0.1
µF
Q1
Si4410
Q2
Si4410
D2
MBRS340T3
D1
MBRS340T3
1430 TA03
330
6.3V
TANT
330
6.3V
TANT
ADDITIONAL
DECOUPLING
AT THE LOAD
D1
MBR0530T1
GTL Terminator
APPLICATI
TYPICAL
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1142
Current Mode Dual Step-Down Switching Regulator Controller
Dual Version of LTC1148
LTC1148
Current Mode Step-Down Switching Regulator Controller
Synchronous, VIN ≤ 20V
LTC1149
Current Mode Step-Down Switching Regulator Controller
Synchronous, VIN ≤ 48V, For Standard Threshold FETs
LTC1159
Current Mode Step-Down Switching Regulator Controller
Synchronous, VIN ≤ 40V, For Logic Threshold FETs
LTC1266
Current Mode Step-Up/Down Switching Regulator Controller
Synchronous N- or P-Channel FETs, Comparator/
Low-Battery Detector
LTC1267
Current Mode Dual Step-Down Switching Regulator Controller
Dual Version of LTC1159
LTC1649
3.3V Input Synchronous Switching Regulator Controller
3.3V Input
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com