Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1435AI Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1435AI
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435AI Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1435AI Datasheet HTML 12Page - Linear Technology LTC1435AI Datasheet HTML 13Page - Linear Technology LTC1435AI Datasheet HTML 14Page - Linear Technology LTC1435AI Datasheet HTML 15Page - Linear Technology LTC1435AI Datasheet HTML 16Page - Linear Technology LTC1435AI Datasheet HTML 17Page - Linear Technology LTC1435AI Datasheet HTML 18Page - Linear Technology LTC1435AI Datasheet HTML 19Page - Linear Technology LTC1435AI Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1435A
1435af LT/GP 0798 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1998
TYPICAL APPLICATION
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 qFAX:(408)434-0507 q www.linear-tech.com
Low Dropout 2.9V/3A Converter
COSC
RUN/SS
ITH
SFB
SGND
VOSENSE
SENSE–
SENSE+
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1435A
1000pF
CC1
330pF
CC2
51pF
100pF
RC
10k
COSC
68pF
CSS
0.1
µF
+
4.7
µF
CMDSH-3
0.1
µF
M1
1/2 Si9802DY
M2
1/2 Si9802DY
1435A TA03
INTVCC
+
CIN
22
µF
35V
× 2
MBRS140T3
L1
10
µH
OPTIONAL:
CONNECT TO 5V
L1: SUMIDA CDRH125-10
RSENSE
0.033
Ω
R1
35.7k
1%
R2
24.9k
1%
+
COUT
100
µF
10V
× 2
SGND
VOUT
2.9V/3A
VIN
3.5V TO 20V
100pF
PART NUMBER
DESCRIPTION
COMMENTS
LTC1142HV/LTC1142
Dual High Efficiency Synchronous Step-Down Switching Regulators
Dual Synchronous, VIN ≤ 20V
LTC1148HV/LTC1148
High Efficiency Sychronous Step-Down Switching
Synchronous, VIN ≤ 20V
Regulator Controllers
LTC1159
High Efficiency Synchronous Step-Down Switching Regulator
Synchronous, VIN ≤ 40V, For Logic Threshold FETs
LT
®1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
High Frequency, Small Inductor, High Efficiency
Switchers, 1.5A Switch
LTC1430
High Power Step-Down Switching Regulator Controller
High Efficiency 5V to 3.3V Conversion at Up to 15A
LTC1436A/LTC1436A-PLL/
High Efficiency Low Noise Synchronous Step-Down
Full-Featured Single Controller
LTC1437A
Switching Regulators
LTC1438/LTC1439
Dual High Efficiency, Low Noise, Synchronous Step-Down
Full-Featured Dual Controllers
Switching Regulators
LT1510
Constant-Voltage/ Constant-Current Battery Charger
1.3A, Li-Ion, NiCd, NiMH, Pb-Acid Charger
LTC1538-AUX
Dual High Efficiency, Low Noise, Synchronous Step-Down
5V Standby in Shutdown
Switching Regulator
LTC1539
Dual High Efficiency, Low Noise, Synchronous Step-Down
5V Standby in Shutdown
Switching Regulator
LTC1706-19
VID Voltage Programmer
Creates a Programmable 1.3V to 2V Supply for Intel
Mobile Pentium
® II Processor When Used with the
LTC1435A
Pentium is a registered trademark of Intel Corporation.
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com