Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1437ACG Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1437ACG
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1437ACG Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1437ACG Datasheet HTML 12Page - Linear Technology LTC1437ACG Datasheet HTML 13Page - Linear Technology LTC1437ACG Datasheet HTML 14Page - Linear Technology LTC1437ACG Datasheet HTML 15Page - Linear Technology LTC1437ACG Datasheet HTML 16Page - Linear Technology LTC1437ACG Datasheet HTML 17Page - Linear Technology LTC1437ACG Datasheet HTML 18Page - Linear Technology LTC1437ACG Datasheet HTML 19Page - Linear Technology LTC1437ACG Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LTC1436A
LTC1436-PLL-A/LTC1437A
APPLICATIONS INFORMATION
Topside MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor CB connected to the Boost
pin supplies the gate drive voltage for the topside
MOSFET(s). Capacitor CB in the functional diagram is
charged through diode DB from INTVCC when the SW pin
is low. When one of the topside MOSFET(s) is to be turned
on, the driver places the CB voltage across the gate source
of the desired MOSFET. This enhances the MOSFET and
turns on the topside switch. The switch node voltage SW
rises to VIN and the Boost pin rises to VIN + INTVCC. The
value of the boost capacitor CB needs to be 100 times
greater than the total input capacitance of the topside
MOSFET(s). In most applications 0.1
µF is adequate. The
reverse breakdown on DB must be greater than VIN(MAX).
Output Voltage Programming
The output voltage is pin selectable for all members of the
LTC1436A/LTC1437A family. The output voltage is
selected by the VPROG pin as follows:
VPROG = 0V
VOUT = 3.3V
VPROG = INTVCC
VOUT = 5V
VPROG = Open (DC)
VOUT = Adjustable
The LTC1436A/LTC1437A family also has remote output
voltage sense capability. The top of an internal resistive
divider is connected to VOSENSE. For fixed 3.3V and 5V
output voltage applications the VOSENSE pin is connected
to the output voltage as shown in Figure 5a. When using
an external resistive divider, the VPROG pin is left open (DC)
and the VOSENSE pin is connected to the feedback resistors
as shown in Figure 5b.
Figure 4b. Capacitive Charge Pump for EXT VCC
Figure 5b. LTC1436A/LTC1437A Adjustable Applications
Figure 5a. LTC1436A/LTC1437A Fixed Output Applications
Power-On Reset Function (POR)
The power-on reset function monitors the output voltage
and turns on an open drain device when it is out of
regulation. An external pull-up resistor is required on the
POR pin.
When power is first applied or when coming out of
shutdown, the POR output is pulled to ground. When the
output voltage rises above a level which is 5% below the
final regulated output value, an internal counter starts.
After counting 216 (65536) clock cycles, the POR pull-
down device turns off.
The POR output will go low whenever the output voltage
drops below 7.5% of its regulated value for longer than
approximately 30
µs, signaling an out-of-regulation condi-
tion. In shutdown, the POR output is pulled low even if the
regulator’s output is held up by an external source.
Run/Soft Start Function
The RUN/SS pin is a dual purpose pin that provides the
soft start function and a means to shut down the
LTC1436A/LTC1437A. Soft start reduces surge currents
from VIN by gradually increasing the internal current limit.
Power supply sequencing can also be accomplished
using this pin.
EXTVCC
VIN
TGL
TGS
SW
BG
PGND
LTC1436A
LTC1437A
N-CH
N-CH
N-CH
+
CIN
VIN
0.22
µF
BAT85
BAT85
COUT
BAT85
+
1
µF
+
L1
RSENSE
VN2222LL
1436 F04b
VPROG
SGND
LTC1436A
LTC1437A
1436 F05a
COUT
VOUT
GND: VOUT = 3.3V
INTVCC: VOUT = 5V
+
VOSENSE
R1
R2
OPEN (DC)
1436 F05b
100pF
1.19V
≤ VOUT ≤ 9V
VPROG
SGND
LTC1436A
LTC1437A
VOSENSE
VOUT = 1.19V 1 +
R2
R1
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com