Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1715 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1715
Description  4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1715 Datasheet(HTML) 2 Page - Linear Technology

  LT1715_15 Datasheet HTML 1Page - Linear Technology LT1715_15 Datasheet HTML 2Page - Linear Technology LT1715_15 Datasheet HTML 3Page - Linear Technology LT1715_15 Datasheet HTML 4Page - Linear Technology LT1715_15 Datasheet HTML 5Page - Linear Technology LT1715_15 Datasheet HTML 6Page - Linear Technology LT1715_15 Datasheet HTML 7Page - Linear Technology LT1715_15 Datasheet HTML 8Page - Linear Technology LT1715_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1715
2
1715fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
+VS to GND.............................................................7V
VCC to VEE ..........................................................13.2V
+VS to VEE..........................................................13.2V
VEE to GND ......................................... –13.2V to 0.3V
Input Current (+IN, –IN).......................................±10mA
Output Current (Continuous) ...............................±20mA
Operating Temperature Range (Note 2)
LT1715C............................................... –40°C to 85°C
LT1715I................................................ –40°C to 85°C
LT1715H ............................................ –40°C to 125°C
Specified Temperature Range (Note 3)
LT1715C................................................... 0°C to 70°C
LT1715I................................................ –40°C to 85°C
LT1715H ............................................ –40°C to 125°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
1
2
3
4
5
+IN A
–IN A
–IN B
+IN B
VEE
10
9
8
7
6
VCC
+VS
OUT A
OUT B
GND
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
A
B
TJMAX = 150°C, θJA = 120°C/W (NOTE 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC – VEE
Input Supply Voltage
l
2.7
12
V
+VS
Output Supply Voltage
l
2.7
6
V
VCMR
Input Voltage Range
(Note 5)
l
VEE – 0.1
VCC – 1.2
V
VTRIP+
Input Trip Points
(Note 6)
LT1715C, LT1715I
LT1715H
l
l
–1.5
–1.8
5.5
6
mV
mV
VTRIP–
Input Trip Points
(Note 6)
LT1715C, LT1715I
LT1715H
l
l
–5.5
–6
1.5
1.8
mV
mV
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1715CMS#PBF
LT1715CMS#TRPBF
LTVQ
10-Lead Plastic MSOP
0°C to 70°C
LT1715IMS#PBF
LT1715IMS#TRPBF
LTVV
10-Lead Plastic MSOP
–40°C to 85°C
LT1715HMS#PBF
LT1715HMS#TRPBF
LTVV
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VEE = –5V, +VS = 5V, VCM = 1V, COUT = 10pF, VOVERDRIVE = 20mV,
unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com