Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1719 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1719
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719 Datasheet(HTML) 2 Page - Linear Technology

  LT1719_15 Datasheet HTML 1Page - Linear Technology LT1719_15 Datasheet HTML 2Page - Linear Technology LT1719_15 Datasheet HTML 3Page - Linear Technology LT1719_15 Datasheet HTML 4Page - Linear Technology LT1719_15 Datasheet HTML 5Page - Linear Technology LT1719_15 Datasheet HTML 6Page - Linear Technology LT1719_15 Datasheet HTML 7Page - Linear Technology LT1719_15 Datasheet HTML 8Page - Linear Technology LT1719_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT1719
2
1719fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1719CS8#PBF
LT1719CS8#TRPBF
1719
8-Lead Plastic SO
0°C to 70°C
LT1719IS8#PBF
LT1719IS8#TRPBF
1719I
8-Lead Plastic SO
–40°C to 85°C
LT1719CS6#PBF
LT1719CS6#TRPBF
LTHW
6-Lead Plastic TSOT-23
0°C to 70°C
LT1719IS6#PBF
LT1719IS6#TRPBF
LTJF
6-Lead Plastic TSOT-23
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Supply Voltage
+VS to GND (LT1719S8) ........................................ 7V
VCC to VEE (LT1719S8) ........................................ 12V
+VS to VEE (LT1719S8) ....................................... 12V
VEE to GND (LT1719S8) ....................... –12V to 0.3V
V+ to V– (LT1719S6) ...............................................7V
Input Current (+IN, –IN or SHDN)...................... ±10mA
Output Current (Continuous) ........................... ± 20mA
Operating Temperature Range
C-Grade .................................................. 0°C to 70°C
I-Grade ............................................... –40°C to 85°C
Junction Temperature ......................................... 150°C
Storage Temperature Range.................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300°C
TOP VIEW
+VS
OUT
SHDN
GND
VCC
+IN
–IN
VEE
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
+
–
–IN 1
V– 2
+IN 3
6 SHDN
5 OUT
4 V+
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 110°C/W
TJMAX = 150°C, θJA = 230°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com