Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1767 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1767
Description  Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1767 Datasheet(HTML) 2 Page - Linear Technology

  LT1767_15 Datasheet HTML 1Page - Linear Technology LT1767_15 Datasheet HTML 2Page - Linear Technology LT1767_15 Datasheet HTML 3Page - Linear Technology LT1767_15 Datasheet HTML 4Page - Linear Technology LT1767_15 Datasheet HTML 5Page - Linear Technology LT1767_15 Datasheet HTML 6Page - Linear Technology LT1767_15 Datasheet HTML 7Page - Linear Technology LT1767_15 Datasheet HTML 8Page - Linear Technology LT1767_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1767/LT1767-1.8/
LT1767-2.5/LT1767-3.3/LT1767-5
2
1767fb
For more information www.linear.com/LT1767
pin conFiguraTion
absoluTe MaxiMuM raTings (Note 1)
Input Voltage ........................................................... 25V
BOOST Pin Above SW ............................................. 20V
Max BOOST Pin Voltage............................................35V
SHDN Pin................................................................. 25V
FB Pin Voltage ........................................................... 6V
FB Pin Current......................................................... 1mA
SYNC Pin Current ................................................... 1mA
Operating Junction Temperature Range (Note 2)
LT1767E ........................................... –40°C to 125°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................ 300°C
1
2
3
4
BOOST
VIN
SW
GND
8
7
6
5
SYNC
VC
FB
SHDN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 110°C/W
GROUND PIN CONNECTED TO LARGE COPPER AREA
1
2
3
4
BOOST
VIN
SW
GND
8
7
6
5
SYNC
VC
FB
SHDN
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W
GROUND PIN CONNECTED TO LARGE COPPER AREA ON PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1767EMS8#PBF
LT1767EMS8#TRPBF
LTLS
8-Lead Plastic MSOP
–40°C to 125°C
LT1767EMS8-1.8#PBF
LT1767EMS8-1.8#TRPBF
LTWG
8-Lead Plastic MSOP
–40°C to 125°C
LT1767EMS8-2.5#PBF
LT1767EMS8-2.5#TRPBF
LTWD
8-Lead Plastic MSOP
–40°C to 125°C
LT1767EMS8-3.3#PBF
LT1767EMS8-3.3#TRPBF
LTWE
8-Lead Plastic MSOP
–40°C to 125°C
LT1767EMS8-5#PBF
LT1767EMS8-5#TRPBF
LTWF
8-Lead Plastic MSOP
–40°C to 125°C
LT1767EMS8E#PBF
LT1767EMS8E#TRPBF
LTZG
8-Lead Plastic MSOP, Exposed Pad
–40°C to 125°C
LT1767EMS8E-1.8#PBF
LT1767EMS8E-1.8#TRPBF
LTZH
8-Lead Plastic MSOP, Exposed Pad
–40°C to 125°C
LT1767EMS8E-2.5#PBF
LT1767EMS8E-2.5#TRPBF
LTZJ
8-Lead Plastic MSOP, Exposed Pad
–40°C to 125°C
LT1767EMS8E-3.3#PBF
LT1767EMS8E-3.3#TRPBF
LTZK
8-Lead Plastic MSOP, Exposed Pad
–40°C to 125°C
LT1767EMS8E-5#PBF
LT1767EMS8E-5#TRPBF
LTZL
8-Lead Plastic MSOP, Exposed Pad
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com