Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW56DW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAW56DW
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAW56DW Datasheet(HTML) 3 Page - Diodes Incorporated

  BAW56DW Datasheet HTML 1Page - Diodes Incorporated BAW56DW Datasheet HTML 2Page - Diodes Incorporated BAW56DW Datasheet HTML 3Page - Diodes Incorporated BAW56DW Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAW56DW
Document number: DS30146 Rev. 11 - 2
3 of 4
www.diodes.com
May 2013
© Diodes Incorporated
BAW56DW
0
50
100
150
200
250
25
050
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
A
°
Figure 1 Power Derating Curve, Total Package
300
Note 5
0.1
1
0.01
0.001
0
1.5
1.0
0.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 2 Typical Forward Characteristics, Per Element
F
T = -40°C
A
T = 150°C
A
T = 75°C
A
T = 25°C
A
T = 0°C
A
0.1
1
10
100
1,000
10,000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 3 Typical Reverse Characteristics, Per Element
R
T = -40°C
A
T = 25°C
A
T = 75°C
A
T = 125°C
A
T = 150°C
A
T = 0°C
A
0.0
0.2
0.4
0.6
0.8
1.8
1.6
1.4
1.2
1.0
2.0
0
10
20
40
30
V , DC REVERSE VOLTAGE (V)
Figure 4 Total Capacitance vs. Reverse Voltage, Per Element
R
f = 1.0MHz
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
SOT363
Dim Min
Max
Typ
A
0.10
0.30
0.25
B
1.15
1.35
1.30
C
2.00
2.20
2.10
D
0.65 Typ
F
0.40
0.45 0.425
H
1.80
2.20
2.15
J
0
0.10
0.05
K
0.90
1.00
1.00
L
0.25
0.40
0.30
M
0.10
0.22
0.11

0°
8°
-
All Dimensions in mm
A
M
J
L
D
B C
H
K
F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com