Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1444CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1444CS
Description  Ultralow Power Quad Comparators with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1444CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1444CS Datasheet HTML 4Page - Linear Technology LTC1444CS Datasheet HTML 5Page - Linear Technology LTC1444CS Datasheet HTML 6Page - Linear Technology LTC1444CS Datasheet HTML 7Page - Linear Technology LTC1444CS Datasheet HTML 8Page - Linear Technology LTC1444CS Datasheet HTML 9Page - Linear Technology LTC1444CS Datasheet HTML 10Page - Linear Technology LTC1444CS Datasheet HTML 11Page - Linear Technology LTC1444CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1443/LTC1444/LTC1445
Level Detector
The LTC1444 is ideal for use as a multisupply micropower
level detector as shown in Figure 5.
R1 and R2 form a voltage divider from V1 to the noninverting
comparator A input. R6 and R7 are used to divide down V2,
while R8 is the output pull-up resistor for the comparator
outputs. R3 and R4 set the hysteresis voltage and R5 and C1
bypass the reference output. The following design procedure
can be used to select the component values:
1. Choose the V1 voltage trip level, in this example 4.65V.
2. Calculate the required resistive divider ratio.
Ratio = VREF/VIN
Ratio = 1.221V/4.65V = 0.263
3. Choose the required hysteresis voltage band at the input,
VHBIN, in this example 60mV. Calculate the hysteresis
voltage band referred to the comparator input VHB.
VHB = (VHBIN)(Ratio)
VHB = (60mV)(0.263)
VHB = 15.78mV
4. Choose the values for R3 and R4 to set the hysteresis.
R4 = 2.4M
R3(k
Ω) = VHB = 15k
5. Choose the values for R1 and R2 to set the trip point.
R1 = VREF/IBIAS = 1.221V/1µA ≈ 1.21M
RR
V
V
V
RM
V
V
mV
RM
IN
REF
HB
21
2
1
21 21
465
1 221
15
2
1
23 40
=
()
+
−
=
()
+
−
=
.
.
.
.
Using the same equations, R6 and R7 are 1.82M and 1.21M
respectfully to set the trip level at 3V for V2.
IN A+
5
OUT B
OUT A
V+
V–
R3
15k, 1%
R5
430
Ω
5%
R4
2.4M
1%
C1
1.0
µF
IN A–
HYST
REF
4
14
8
IN B+
7
IN B–
6
–
+
LTC1443/44/45 • F05
1/2LTC1444
3
9
2
1
R1
1.21M
1%
R2
3.40M
1%
V1
R7
1.21M
1%
R6
1.82M
1%
V2
R8
2M
1%
5V
–
+
Figure 5. Glitch-Free Level Detector with Hysteresis
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com