Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1472CS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1472CS
Description  Protected PCMCIA VCC and VPP Switching Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1472CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1472CS Datasheet HTML 6Page - Linear Technology LTC1472CS Datasheet HTML 7Page - Linear Technology LTC1472CS Datasheet HTML 8Page - Linear Technology LTC1472CS Datasheet HTML 9Page - Linear Technology LTC1472CS Datasheet HTML 10Page - Linear Technology LTC1472CS Datasheet HTML 11Page - Linear Technology LTC1472CS Datasheet HTML 12Page - Linear Technology LTC1472CS Datasheet HTML 13Page - Linear Technology LTC1472CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1472
APPLICATIONS INFORMATION
Interfacing to “365” Type Controllers
The LTC1472 also interfaces directly with “365” type
controllers as shown in Figure 2. The VCC Enable inputs
are connected differently than to the CL-PD6710 control-
ler because the “365” type controllers use active-high
logic control of the VCC switches (see the VCC Switch Truth
Table). No “glue logic” is required to interface to this type
of PCMCIA compatible controller.
12V Power Requirements
Note that in Figure 2, a “local” 5V to 12V converter is not
used. The LTC1472 works equally well with or without
continuous 12V power. If the main power supply system
has 12V continuously available, simply connect it to the
VPPIN pin. Internal circuitry automatically senses its pres-
ence and uses it to switch the internal VPP switches.
The 12V shutdown output can be used to shut down the
system 12V power supply (if not required for any purpose
other than VPP programming).
5V Power Requirements
The LTC1472 has been designed to operate without con-
tinuous 12V power, but continuous 5V power is required
at the VDD and 5VIN supply pins for proper operation and
should always be present when a card is powered (whether
it is a 5V or 3.3V only card).
If the 5V power must be turned off, for example, to enter
a 3.3V only full system “sleep” mode, the 5V supply must
be turned off at least 100
µs after the VCCandVPPswitches
have been programmed to the Hi-Z or 0V states. This
ensures that the gates of the NMOS switches are com-
pletely discharged.
Also, the VCC switches cannot be operated properly with-
out 5V power. They must be programmed to the off state
at least 100
µs prior to turning the 5V supply off, or they
may be left in an indeterminate state.
Supply Bypassing
For best results, bypass the supply input pins with 1
µF
capacitors as close as possible to the LTC1472. Some-
times, much larger capacitors are already available at the
outputs of the 3.3V, 5V and 12V power supply. In this case,
it is still good practice to use 0.1
µF capacitors as close as
possible to the LTC1472, especially if the power supply
output capacitors are more than 2" away on the printed
circuit board.
3VIN
3VIN SHDN
5VIN
VDD
VPP EN0
VPP EN1
VCC EN0
VCC EN1
VPPIN
VPPOUT
VCC(IN)
VCC(OUT)
VCC(OUT)
GND
GND
LTC1472
3.3V
0.1
µF
5V
“365”TYPE
CONTROLLER
A_VPP_EN0
A_VPP_EN1
A_VCC _EN0
A_VCC _EN1
PCMCIA
CARD SLOT
VPP1
VPP2
VCC
VCC
10k
1
µF
TANT
(OFF, 3.3V, 5V)
10k
+
0.1
µF
0.1
µF
(0V, VCC, 12V, Hi-Z)
LTC1472-F02
12V SHUTDOWN
(OPTIONAL)
12V
Figure 2. Direct Interface to Industry Standard PCMCIA Controller and LT1301 Step-Up Switching Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com