Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1962 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1962
Description  300mA, Low Noise, Micropower LDO Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1962 Datasheet(HTML) 2 Page - Linear Technology

  LT1962_15 Datasheet HTML 1Page - Linear Technology LT1962_15 Datasheet HTML 2Page - Linear Technology LT1962_15 Datasheet HTML 3Page - Linear Technology LT1962_15 Datasheet HTML 4Page - Linear Technology LT1962_15 Datasheet HTML 5Page - Linear Technology LT1962_15 Datasheet HTML 6Page - Linear Technology LT1962_15 Datasheet HTML 7Page - Linear Technology LT1962_15 Datasheet HTML 8Page - Linear Technology LT1962_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT1962 Series
2
1962fa
1962fb
For more information www.linear.com/LT1962
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
absoluTe MaxiMuM raTings
IN Pin Voltage .........................................................±20V
OUT Pin Voltage......................................................±20V
Input to Output Differential Voltage (Note 2)...........±20V
SENSE Pin Voltage..................................................±20V
ADJ Pin Voltage ........................................................±7V
BYP Pin Voltage.....................................................±0.6V
SHDN Pin Voltage ...................................................±20V
Output Short-Circuit Duration.......................... Indefinite
Operating Junction Temperature Range
(Note 3) ............................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
LT1962
ILOAD = 300mA (Notes 4, 12)
l
1.8
2.3
V
Regulated Output Voltage
(Notes 4, 5)
LT1962-1.5
VIN = 2V, ILOAD = 1mA
2.5V < VIN < 20V, 1mA < ILOAD < 300mA
l
1.485
1.462
1.500
1.500
1.515
1.538
V
V
LT1962-1.8
VIN = 2.3V, ILOAD = 1mA
2.8V < VIN < 20V, 1mA < ILOAD < 300mA
l
1.782
1.755
1.800
1.800
1.818
1.845
V
V
LT1962-2.5
VIN = 3V, ILOAD = 1mA
3.5V < VIN < 20V, 1mA < ILOAD < 300mA
l
2.475
2.435
2.500
2.500
2.525
2.565
V
V
LT1962-3
VIN = 3.5V, ILOAD = 1mA
4V < VIN < 20V, 1mA < ILOAD < 300mA
l
2.970
2.925
3.000
3.000
3.030
3.075
V
V
LT1962-3.3
VIN = 3.8V, ILOAD = 1mA
4.3V < VIN < 20V, 1mA < ILOAD < 300mA
l
3.267
3.220
3.300
3.300
3.333
3.380
V
V
LT1962-5
VIN = 5.5V, ILOAD = 1mA
6V < VIN < 20V, 1mA < ILOAD < 300mA
l
4.950
4.875
5.000
5.000
5.050
5.125
V
V
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1962EMS8#PBF
LT1962EMS8#TRPBF
LTML
8-Lead Plastic MSOP
–40°C to 125°C
LT1962IMS8#PBF
LT1962IMS8#TRPBF
LTML
8-Lead Plastic MSOP
–40°C to 125°C
LT1962EMS8-1.5#PBF
LT1962EMS8-1.5#TRPBF
LTSZ
8-Lead Plastic MSOP
–40°C to 125°C
LT1962EMS8-1.8#PBF
LT1962EMS8-1.8#TRPBF
LTTA
8-Lead Plastic MSOP
–40°C to 125°C
LT1962EMS8-2.5#PBF
LT1962EMS8-2.5#TRPBF
LTPT
8-Lead Plastic MSOP
–40°C to 125°C
LT1962EMS8-3#PBF
LT1962EMS8-3#TRPBF
LTPQ
8-Lead Plastic MSOP
–40°C to 125°C
LT1962EMS8-3.3#PBF
LT1962EMS8-3.3#TRPBF
LTPS
8-Lead Plastic MSOP
–40°C to 125°C
LT1962EMS8-5#PBF
LT1962EMS8-5#TRPBF
LTPR
8-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
pin conFiguraTion
1
2
3
4
OUT
SENSE/ADJ*
BYP
GND
8
7
6
5
IN
NC
NC
SHDN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 125°C/W
*PIN 2: SENSE FOR LT1962-1.5/LT1962-1.8/
LT1962-2.5/LT1962-3/LT1962-3.3/
LT1962-5. ADJ FOR LT1962
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com