Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1976 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1976
Description  High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1976 Datasheet(HTML) 2 Page - Linear Technology

  LT1976_15 Datasheet HTML 1Page - Linear Technology LT1976_15 Datasheet HTML 2Page - Linear Technology LT1976_15 Datasheet HTML 3Page - Linear Technology LT1976_15 Datasheet HTML 4Page - Linear Technology LT1976_15 Datasheet HTML 5Page - Linear Technology LT1976_15 Datasheet HTML 6Page - Linear Technology LT1976_15 Datasheet HTML 7Page - Linear Technology LT1976_15 Datasheet HTML 8Page - Linear Technology LT1976_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT1976/LT1976B
2
1976bfg
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
(Note 1)
VIN, SHDN, PG, BIAS .............................................. 60V
BOOST Pin Above SW ............................................ 35V
BOOST Pin Voltage ................................................. 68V
SYNC, CSS, PGFB, FB ................................................ 6V
Operating JunctionTemperature Range
LT1976EFE/LT1976BEFE (Note 2) ... – 40
°C to 125°C
LT1976IFE/LT1976BIFE (Note 2) ..... – 40
°C to 125°C
LT1976HFE (Note 2) ........................ – 40
°C to 140°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT1976EFE
LT1976IFE
LT1976HFE
LT1976BEFE
LT1976BIFE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full –40°C to 125°C
operating temperature range, otherwise specifications are at TJ = 25
°C. VIN = 12V, SHDN = 12V, BOOST = 15.3V, BIAS = 5V,
FB/PGFB = 1.25V, CSS/SYNC = 0V unless otherwise noted.
θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD IS GND (PIN 17)
MUST BE SOLDERED TO GND (PIN 8)
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
NC
SW
NC
VIN
NC
BOOST
CT
GND
PG
SHDN
SYNC
PGFB
FB
VC
BIAS
CSS
17
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHDN
SHDN Threshold
●
1.2
1.3
1.4
V
ISHDN
SHDN Input Current
SHDN = 12V
●
520
μA
Minimum Input Voltage (Note 3)
●
2.4
3
V
IVINS
Supply Shutdown Current
SHDN = 0V, BOOST = 0V, FB/PGFB = 0V
0.1
2
μA
Supply Sleep Current (Note 4) (LT1976)
BIAS = 0V, FB = 1.35V
●
170
230
μA
FB = 1.35V
●
45
75
μA
IVIN
Supply Quiescent Current
BIAS = 0V, FB = 1.15V, VC = 0.8V (VC = 0V LT1976B)
3.2
4.10
mA
BIAS = 5V, FB = 1.15V, VC = 0.8V (VC = 0V LT1976B)
2.6
3.25
mA
Minimum BIAS Voltage (Note 5)
●
2.7
3
V
IBIASS
BIAS Sleep Current (Note 4) (LT1976)
●
110
180
μA
IBIAS
BIAS Quiescent Current
SYNC = 3.3V
700
800
μA
Minimum Boost Voltage (Note 6)
ISW = 1.5A
1.8
2.5
V
Input Boost Current (Note 7)
ISW = 1.5A
40
50
mA
VREF
Reference Voltage (VREF)
3.3V < VVIN < 60V
●
1.225
1.25
1.275
V
IFB
FB Input Bias Current
75
200
nA
EA Voltage Gain (Note 8)
900
V/V
EA Voltage gm
dI(VC)= ±10μA
400
650
800
μMho
EA Source Current
FB = 1.15V
20
40
55
μA
EA Sink Current
FB = 1.35V
15
30
40
μA
VC to SW gm
3A/V
VC High Clamp
2.1
2.2
2.4
V
VC Switching Threshold (LT1976B)
●
0.1
0.4
0.8
V
FE PART MARKING
1976EFE
1976IFE
1976HFE
1976BEFE
1976BIFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com