Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1977 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1977
Description  High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1977 Datasheet(HTML) 2 Page - Linear Technology

  LT1977_15 Datasheet HTML 1Page - Linear Technology LT1977_15 Datasheet HTML 2Page - Linear Technology LT1977_15 Datasheet HTML 3Page - Linear Technology LT1977_15 Datasheet HTML 4Page - Linear Technology LT1977_15 Datasheet HTML 5Page - Linear Technology LT1977_15 Datasheet HTML 6Page - Linear Technology LT1977_15 Datasheet HTML 7Page - Linear Technology LT1977_15 Datasheet HTML 8Page - Linear Technology LT1977_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT1977
2
1977fa
(Note 1)
VIN, SHDN, BIAS, SW, PG....................................... 60V
BOOST Pin Above SW ............................................ 35V
BOOST Pin Voltage ................................................. 68V
SYNC, CSS, PGFB, FB ................................................ 6V
Operating JunctionTemperature Range
LT1977EFE (Note 2) ........................ – 40
°C to 125°C
LT1977IFE (Note 2) ......................... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT1977EFE
LT1977IFE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, SHDN = 12V, BIAS = 5V, FB/PGFB = 1.25V, CSS/SYNC = 0V
unless otherwise noted.
TJMAX = 125°C, θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD IS GND (PIN 17)
MUST BE SOLDERED TO GND (PIN 8)
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
NC
SW
NC
VIN
NC
BOOST
CT
GND
PG
SHDN
SYNC
PGFB
FB
VC
BIAS
CSS
17
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHDN
SHDN Threshold
1.15
1.3
1.45
V
ISHDN
SHDN Input Current
SHDN = 12V
●
520
µA
Minimum Input Voltage (Note 3)
●
2.4
3
V
IVINS
Supply Shutdown Current
SHDN = 0V, BOOST = 0V, FB/PGFB = 0V
0.1
2
µA
Supply Sleep Current (Note 4)
BIAS = 0V, FB = 1.35V
●
170
250
µA
FB = 1.35V
●
45
75
µA
IVIN
Supply Quiescent Current
BIAS = 0V, FB = 1.15V
4.10
mA
BIAS = 5V, FB = 1.15V
3.25
mA
Minimum BIAS Voltage (Note 5)
FB = 1.15V
●
2.7
3
V
IBIASS
BIAS Sleep Current (Note 4)
●
110
180
µA
IBIAS
BIAS Quiescent Current
SYNC = 3.3V
700
900
µA
Minimum Boost Voltage (Note 6)
ISW = 1.5A
1.8
V
Input Boost Current (Note 7)
ISW = 1.5A
40
mA
VREF
Reference Voltage (VREF)
3.3V < VVIN < 60V
●
1.225
1.25
1.275
V
IFB
FB Input Bias Current
75
200
nA
EA Voltage Gain (Note 8)
900
V/V
EA Voltage gm
dI(VC)= ±10µA
450
650
900
µMho
EA Source Current
FB = 1.15V
20
40
55
µA
EA Sink Current
FB = 1.35V
15
30
40
µA
VC to SW gm
3A/V
VC High Clamp
2.1
2.2
2.4
V
IPK
SW Current Limit
●
1.5
2.4
3.5
A
FE PART
MARKING
1977EFE
1977IFE
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com