Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1458CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1458CSW
Description  Quad 12-Bit Rail-to-Rail Micropower DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1458CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1458CSW Datasheet HTML 3Page - Linear Technology LTC1458CSW Datasheet HTML 4Page - Linear Technology LTC1458CSW Datasheet HTML 5Page - Linear Technology LTC1458CSW Datasheet HTML 6Page - Linear Technology LTC1458CSW Datasheet HTML 7Page - Linear Technology LTC1458CSW Datasheet HTML 8Page - Linear Technology LTC1458CSW Datasheet HTML 9Page - Linear Technology LTC1458CSW Datasheet HTML 10Page - Linear Technology LTC1458CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1458/LTC1458L
B11 A
MSB
B11 C
MSB
B0 B
LSB
t1
t6
B0 D
LSB
B11 A
CURRENT WORD
t7
t2
t9
t4
t3
t8
CLK
DIN
DOUT
CS/LD
t5
1458 TD
B0 D
PREVIOUS WORD
B11 A
PREVIOUS WORD
B10 A
PREVIOUS WORD
B0 B
PREVIOUS WORD
B11 C
PREVIOUS WORD
B0 D
PREVIOUS WORD
TI I G DIAGRA
Resolution (n): Resolution is defined as the number of
digital input bits, n. It defines the number of DAC output
states (2n) that divide the full-scale range. The resolution
does not imply linearity.
Full-Scale Voltage (VFS): This is the output of the DAC
when all bits are set to 1.
Voltage Offset Error (VOS): The theoretical voltage at the
output when the DAC is loaded with all zeros. The output
amplifier can have a true negative offset, but because the
part is operated from a single supply, the output cannot go
below zero. If the offset is negative, the output will remain
near 0V resulting in the transfer curve shown in Figure 1.
DEFI ITIO S
DAC CODE
1458 F01
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
Figure 1. Effect of Negative Offset
The offset of the part is measured at the code that corre-
sponds to the maximum offset specification:
VOS = VOUT – [(Code)(VFS)/(2n – 1)]
Least Significant Bit (LSB): One LSB is the ideal voltage
difference between two successive codes.
LSB = (VFS – VOS)/(2n – 1) = (VFS – VOS)/4095
Nominal LSBs:
LTC1458
LSB = 4.095V/4095 = 1mV
LTC1458L
LSB = 2.5V/4095 = 0.610mV
Integral Nonlinearity (INL): End-point INL is the maxi-
mum deviation from a straight line passing through the
end-points of the DAC transfer curve. Because the part
operates from a single supply and the output cannot go
below zero, the linearity is measured between full scale
and the code corresponding to the maximum offset
specification. The INL error at a given input code is
calculated as follows:
INL
= [VOUT – VOS – (VFS – VOS)(code/4095)]/LSB
VOUT = The output voltage of the DAC measured at
the given input code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com