Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1479 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1479
Description  PowerPath Controller for Dual Battery Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1479 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1479 Datasheet HTML 16Page - Linear Technology LTC1479 Datasheet HTML 17Page - Linear Technology LTC1479 Datasheet HTML 18Page - Linear Technology LTC1479 Datasheet HTML 19Page - Linear Technology LTC1479 Datasheet HTML 20Page - Linear Technology LTC1479 Datasheet HTML 21Page - Linear Technology LTC1479 Datasheet HTML 22Page - Linear Technology LTC1479 Datasheet HTML 23Page - Linear Technology LTC1479 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC1479
TYPICAL APPLICATIONS N
Dual NiMH Battery Power Management System (Using an LT1510, 1A Charger)
1479 TA02
DCIN
BAT1
BAT2
+
+
V + SW
VGG
C3
1
µF
50V
L1*
1mH
C4
1
µF
50V
VCC
RSENSE
0.033
Ω
SW A
SW B
SW C
SW D
SW E
SW F
GA
GB
GC
GD
GE
GF
SAB
SCD
SEF
SENSE +
SENSE –
VCCP
C2
2.2
µF
16V
C1
0.1
µF
VBAT
POWER
MANAGEMENT
µP
BDIV
VBKUP
DCDIV
LTC1479
GG SG GH SH
NiCD
CELL
1812LS-105 XKBC, COILCRAFT
CD43, SUMIDA
CTX33-2, COILTRONICS
*
**
***
RB2
909k
1%
RDC2
205k
1%
330
Ω
RDC1
12.1k
1%
RB1
121k
1%
+
LOBAT
DCINGOOD
TO INPUT
OF DC/DC
CONVERTER
L2**
10
µH
3DM
5VCC
FROM
DC/DC
VCC
D1
MBR0530
BATSEL
GND
BATDIS DCIN/BAT
CHGSEL
DC INPUT
(FROM AC
ADAPTOR)
VCC
D2
MBRS140T
R5
300
Ω
C8
1
µF
PROG
RPROG
11k
1%
R6
1k
C9
0.1
µF
VC
SW
BOOST
SENSE
BAT
GND
C7
0.22
µF
D3
1N4148
L3***
33
µH
D4
MBRS140T
LT1510
SW H
Si9926DY
C6
10
µF
CERAMIC
CCHG
22
µF
TANT
(CHARGER OUTPUT)
Si4936DY
Si4936DY
(BOLD LINES INDICATE HIGH CURRENT PATHS)
Si4936DY
SW G
Si9926DY
Q1
2N7002
R2
390k
1%
R3
100k
1%
+
+
CBAT1
10
µF
CBAT2
10
µF
SMBUS
BAT2
12-CELL
NiMH
BATTERY
PACK
BAT1
12-CELL
NiMH
BATTERY
PACK
R4
100k
1%
CHGMON
RTH1
RTH1
RTH1
RTH2
+
+
C5
0.1
µF
C11
0.1
µF
R1
22k
100k
R7
470k
4
8
7
3
5
C10
0.1
µF
1
6
2
5VCC
FROM
DC/DC
D5
BAS16LT1
Q2
2N7002
ROHM
DTA144E
RCM2
909k
1%
RCM1
100k
1%
R8
10k
(BACKUP)
3
6
7
8
5
4
2
1
SW
FB
SHDN
VIN
GND
ILIM
LBI
LBO
LT1304
+
CDCIN
10
µF
35V
ALUM
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com