Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1480C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1480C
Description  3.3V Ultra-Low Power RS485 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1480C Datasheet(HTML) 2 Page - Linear Technology

  LTC1480C Datasheet HTML 1Page - Linear Technology LTC1480C Datasheet HTML 2Page - Linear Technology LTC1480C Datasheet HTML 3Page - Linear Technology LTC1480C Datasheet HTML 4Page - Linear Technology LTC1480C Datasheet HTML 5Page - Linear Technology LTC1480C Datasheet HTML 6Page - Linear Technology LTC1480C Datasheet HTML 7Page - Linear Technology LTC1480C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1480
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
(Note 1)
Supply Voltage (VCC) ................................................ 7V
Control Input Voltage ..................... – 0.3V to VCC + 0.3V
Driver Input Voltage ....................... – 0.3V to VCC + 0.3V
Driver Output Voltage ...........................................
±14V
Receiver Input Voltage ..........................................
±14V
Receiver Output Voltage ................ – 0.3V to VCC + 0.3V
Operating Temperature Range
LTC1480C ........................................ 0
°C ≤ TA ≤ 70°C
LTC1480I .................................... – 40
°C ≤ TA ≤ 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
1480
1480I
LTC1480CN8
LTC1480IN8
LTC1480CS8
LTC1480IS8
S8 PART MARKING
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 130°C/ W (N8)
TJMAX = 125°C, θJA = 150°C/ W (S8)
Consult factory for Military grade parts.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOD1
Differential Driver Output Voltage (Unloaded)
IO = 0V
q
3.3
V
VOD2
Differential Driver Output Voltage (with Load)
R = 27
Ω (RS485), Figure 1
q
1.5
3.3
V
R = 50
Ω (RS422)
q
2.0
V
∆VOD
Change in Magnitude of Driver Differential Output
R = 27
Ω or R = 50Ω, Figure 1
q
0.2
V
Voltage for Complementary Output States
VOC
Driver Common-Mode Output Voltage
R = 27
Ω or R = 50Ω, Figure 1
q
2V
∆VOC
Change in Magnitude of Driver Common-Mode
R = 27
Ω or R = 50Ω, Figure 1
q
0.2
V
Output Voltage for Complementary Output States
VIH
Input HIGH Voltage
DE, DI, RE
q
2V
VIL
Input LOW Voltage
DE, DI, RE
q
0.8
V
IIN1
Input Current
DE, DI, RE
q
±2
µA
IIN2
Input Current (A, B)
DE = 0, VCC = 0V or 3.6V, VIN = 12V
q
1.0
mA
DE = 0, VCC = 0V or 3.6V, VIN = – 7V
q
– 0.8
mA
VTH
Differential Input Threshold Voltage for Receiver
– 7V
≤ VCM ≤ 12V
q
– 0.2
0.2
V
∆VTH
Receiver Input Hysteresis
VCM = 0V
70
mV
VOH
Receiver Output HIGH Voltage
IO = – 4mA, VID = 200mV
q
2V
VOL
Receiver Output LOW Voltage
IO = 4mA, VID = – 200mV
q
0.4
V
IOZR
Three-State (High Impedance) Output
VCC = Max, 0.4V ≤ VO ≤ 2.4V
q
±1
µA
Current at Receiver
RIN
Receiver Input Resistance
– 7V
≤ VCM ≤ 12V
q
12
k
Ω
ICC
Supply Current
No Load, Output Enabled
q
400
600
µA
No Load, Output Disabled
q
300
500
µA
ISHDN
Supply Current in Shutdown Mode
DE = 0, RE = VCC
110
µA
IOSD1
Driver Short-Circuit Current, VOUT = HIGH
– 7V
≤ VO ≤ 12V
q
35
250
mA
IOSD2
Driver Short-Circuit Current, VOUT = LOW
– 7V
≤ VO ≤ 12V
q
35
250
mA
IOSR
Receiver Short-Circuit Current
0V
≤ VO ≤ VCC
q
785
mA
ELECTRICAL C
C
HARA TERISTICS V
CC = 3.3V (Notes 2, 3)
1
2
3
4
8
7
6
5
TOP VIEW
VCC
B
A
GND
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
R
D
RO
RE
DE
DI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com