Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR002 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SCR002
Description  HIGH VOLTAGE THYRISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SCR002 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SCR002_15 Datasheet HTML 1Page - Solid States Devices, Inc SCR002_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SFS2004/59
FEATURES:
DATA SHEET #:
SCR0002A
MAXIMUM RATINGS
Peak Repetitive Forward Blocking Voltage
Volts
• Designed for Pulse Modulators in Radar Applications.
• High Surge Current, 100A.
• High Blocking Voltage, 600V min.
• High dv/dt, 200V/us min.
• di/dt = 100A/us.
• Fast Switching Time.
• Isolated Stud.
• Hermetically sealed.
TO-59
10 AMP
800 VOLTS
HIGH VOLTAGE THYRISTOR
DESIGNER'S DATA SHEET
14005 Stage Road
*
Santa Fe Springs, Ca 90670
Phone: (562) 404-4474
*
Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
CHARACTERISTIC
SYMBOL
VALUE
UNIT
VDRM
800
Peak Repetitive Reverse Blocking Voltage
Volts
VRRM
600
RMS On-State Current (All Condition Angles, TC = 85oC max)
Amps
10
IT (RMS)
Storage Temperature Range
-65 TO +200
TSTG
Operating Junction Temperature Range
oC
-65 TO +105
TJ
Peak Gate Voltage
Volts
10
VGM
Peak Gate Current
Amps
5.0
IGM
Average Gate Power (Pulse width 2
:sec)
Watts
1.0
PG (AV)
Peak Gate Power
Watts
20
PGM
Thermal Resistance Junction to Case
oC/W
3.0
1JC
oC
Peak Repetitive Surge Current (One Cycle, 60Hz,
Pulse width 2
:sec, Duty Cycle 0.6%, TC = 85oC max)
Amps
100
ITFM (REP)


Similar Part No. - SCR002_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SCR002 SSDI-SCR002 Datasheet
62Kb / 2P
HIGH VOLTAGE THYRISTOR
More results

Similar Description - SCR002_15

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC94 IXYS-MCC94 Datasheet
52Kb / 2P
High Voltage Thyristor Module High Voltage Thyristor/Diode Modules
MCC161 IXYS-MCC161 Datasheet
92Kb / 3P
High Voltage Thyristor Module
logo
Solid States Devices, I...
SCR002 SSDI-SCR002 Datasheet
62Kb / 2P
HIGH VOLTAGE THYRISTOR
logo
IXYS Corporation
MCC161-22IO1 IXYS-MCC161-22IO1 Datasheet
220Kb / 6P
High Voltage Thyristor Module
MCC224-20IO1 IXYS-MCC224-20IO1 Datasheet
325Kb / 6P
High Voltage Thyristor Module
MCC224-22IO1 IXYS-MCC224-22IO1 Datasheet
325Kb / 6P
High Voltage Thyristor Module
MCNA55P2200TA IXYS-MCNA55P2200TA Datasheet
506Kb / 5P
High Voltage Thyristor Module
MCNA95P2200TA IXYS-MCNA95P2200TA Datasheet
507Kb / 5P
High Voltage Thyristor Module
MCNA150P2200YA IXYS-MCNA150P2200YA Datasheet
210Kb / 5P
High Voltage Thyristor Module
MCNA180P2200YA IXYS-MCNA180P2200YA Datasheet
209Kb / 5P
High Voltage Thyristor Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com