Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR010C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SCR010C
Description  SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SCR010C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SCR010C_15 Datasheet HTML 1Page - Solid States Devices, Inc SCR010C_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SCR010C
DOC
ELECTRICAL CHARACTERISTICS3/
Symbol
Min
Typical
Max
Unit
Peak Reverse Blocking Current
Rated VRRM, RGK = 1000 Ω
TC = 25°C
TC = 150°C
IRRM
––
0.08
0.15
0.1
50
μA
Peak Forward Blocking Current
Rated VDRM, RGK = 1000 Ω
TC = 25°C
TC = 150°C
IDRM
––
0.08
0.15
0.1
20
μA
Peak On-State Voltage
IF = 1.0 A pulse
VTM
0.8
1.1
1.5
V
Gate Trigger Current
VD = 5 VDC, RL = 100 Ω, Re = 10 kΩ
TC = 25°C
TC = -65°C
IGT
––
––
25
50
200
1200
μA
Gate Trigger Voltage
VD = 5 VDC, RL = 100 Ω, Re = 100 Ω
TC = 25°C
TC = -65°C
TC = 150°C
VGT
0.4
0.6
0.1
0.55
0.75
0.20
0.8
1.1
0.6
V
Holding Current
VD = 5 VDC, RGK = 1000 Ω
TC = 25°C
TC = -65°C
TC = 150°C
IH
0.3
0.5
0.05
1.0
1.5
0.38
5.0
10.0
1.0
mA
Case Outline: SMD.22
PAD 1: ANODE
PAD 2: CATHODE
PAD 3: GATE
Case Outline: TO-18
PIN 1: CATHODE
PIN 2: GATE
PIN 3: ANODE
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFS3027 - SFS3029
Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com