Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1480IS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1480IS8
Description  3.3V Ultra-Low Power RS485 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1480IS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1480IS8 Datasheet HTML 1Page - Linear Technology LTC1480IS8 Datasheet HTML 2Page - Linear Technology LTC1480IS8 Datasheet HTML 3Page - Linear Technology LTC1480IS8 Datasheet HTML 4Page - Linear Technology LTC1480IS8 Datasheet HTML 5Page - Linear Technology LTC1480IS8 Datasheet HTML 6Page - Linear Technology LTC1480IS8 Datasheet HTML 7Page - Linear Technology LTC1480IS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1480
3.3V Ultra-Low Power
RS485 Transceiver
S
FEATURE
DESCRIPTIO
The LTC
®1480 is an ultra-low power differential line trans-
ceiver which provides full RS485 compatibility while oper-
ating from a single 3.3V supply. It is designed for data
transmission standard RS485 applications with extended
common-mode range (12V to –7V). It also meets the
requirements of RS422 and features high speed operation
up to 2.5Mb/s. The CMOS design offers significant power
savings without sacrificing ruggedness against overload
or ESD damage. Typical quiescent current is only 300
µA
while operating and 1
µA in shutdown.
The driver and receiver feature three-state outputs, with
the driver outputs maintaining high impedance over the
entire common-mode range. Excessive power dissipation
caused by bus contention or faults is prevented by a
thermal shutdown circuit which forces the driver outputs
into a high impedance state. The receiver has a fail-safe
feature which guarantees a high output state when the
inputs are left open. I/O pins are protected against multiple
ESD strikes of up to
±10kV.
The LTC1480 is fully specified over the commercial and
extended industrial temperature range. The LTC1480 is
available in 8-pin SO and DIP packages.
s
True RS485 from a Single 3.3V Supply
s
Low Power: ICC = 500µA Max with Driver Disabled
s
ICC = 600µA Max with Driver Enabled, No Load
s
1
µA Quiescent in Shutdown Mode
s
ESD Protection to
±10kV on Receiver Inputs and
Driver Outputs
s
–7V to 12V Common-Mode Range Permits
±7V
Ground Difference Between Devices on the Data Line
s
Thermal Shutdown Protection
s
Power Up/Down Glitch-Free Driver Outputs Permit
Live Insertion or Removal of Transceiver
s
Driver Maintains High Impedance in Three-State or
with the Power Off
s
Up to 32 Transceivers on the Bus
s
50ns Typical Driver Propagation Delays with
10ns Skew
s
Pin Compatible with the LTC485
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Battery-Powered RS485/RS422 Applications
s
Low Power RS485/RS422 Transceiver
s
Level Translator
S
APPLICATI
APPLICATI
TYPICAL
Driver Differential
Output Voltage vs Output Current
3.3V RS485 Network
RO
RE
DE
D1
1
2
3
4
8
7
6
5
LTC1480 • TA01
LTC1480
LTC1480
A
A
B
B
A
B
120
Ω
120
Ω
SHIELD
SHIELD
R
D
3.3V
RO
RE
DE
D1
1
2
3
4
8
7
6
5
LTC1480
R
D
3.3V
3.3V
R
D
1234
8765
RO
RE
DE D1
OUTPUT CURRENT (mA)
0
0
0.5
1.0
1.5
2.0
2.5
60
70
80
LTC1480 • TA02
10
20
30
40
50
90
3.0
3.5
VCC = 3.3V
TA = 25°C


Similar Part No. - LTC1480IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1480 LINER-LTC1480 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC1480 LINER-LTC1480 Datasheet
155Kb / 8P
3.3V Ultralow Power RS485 Transceiver
LTC1480 LINER-LTC1480_15 Datasheet
155Kb / 8P
3.3V Ultralow Power RS485 Transceiver
More results

Similar Description - LTC1480IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1481 LINER-LTC1481 Datasheet
219Kb / 8P
Ultra-Low Power RS485 Transceiver with Shutdown
LTC1483 LINER-LTC1483 Datasheet
243Kb / 8P
Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
LTC1484 LINER-LTC1484 Datasheet
274Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
LTC485 LINER-LTC485 Datasheet
327Kb / 12P
Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485_06 Datasheet
282Kb / 12P
Low Power RS485 Interface Transceiver
LTC485IS8 LINER-LTC485IS8 Datasheet
294Kb / 14P
Low Power RS485 Interface Transceiver
LTC485 LINER-LTC485_15 Datasheet
308Kb / 14P
Low Power RS485 Interface Transceiver
LTC1480 LINER-LTC1480_15 Datasheet
155Kb / 8P
3.3V Ultralow Power RS485 Transceiver
LTC1483 LINER-LTC1483_15 Datasheet
197Kb / 8P
Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
LTC1484 LINER-LTC1484_15 Datasheet
235Kb / 16P
Low Power RS485 Transceiver with Receiver Fail-Safe
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com