Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1485C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1485C
Description  Differential Bus Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1485C Datasheet(HTML) 2 Page - Linear Technology

  LTC1485C Datasheet HTML 1Page - Linear Technology LTC1485C Datasheet HTML 2Page - Linear Technology LTC1485C Datasheet HTML 3Page - Linear Technology LTC1485C Datasheet HTML 4Page - Linear Technology LTC1485C Datasheet HTML 5Page - Linear Technology LTC1485C Datasheet HTML 6Page - Linear Technology LTC1485C Datasheet HTML 7Page - Linear Technology LTC1485C Datasheet HTML 8Page - Linear Technology LTC1485C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1485
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
(Note 1)
Supply Voltage (VCC) .............................................. 12V
Control Input Voltages ................... – 0.5V to VCC + 0.5V
Control Input Currents ........................ – 50mA to 50mA
Driver Input Voltages ..................... – 0.5V to VCC + 0.5V
Driver Input Currents .......................... – 25mA to 25mA
Driver Output Voltages .........................................
±14V
Receiver Input Voltages ........................................
±14V
Receiver Output Voltages .............. – 0.5V to VCC + 0.5V
Operating Temperature Range
LTC1485C ............................................... 0
°C to 70°C
LTC1485I .......................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.) ................ 300
°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOD1
Differential Driver Output Voltage (Unloaded)
IO = 0
q
5V
VOD2
Differential Driver Output Voltage (With Load)
R = 50
Ω, (RS422)
q
2V
R = 27
Ω, (RS485) (Figure 1)
q
1.5
5
V
∆VOD
Change in Magnitude of Driver Differential
R = 27
Ω or R = 50Ω (Figure 1)
q
0.2
V
Output Voltage for Complementary Output States
VOC
Driver Common-Mode Output Voltage
R = 27
Ω or R = 50Ω (Figure 1)
q
3V
∆|VOC|
Change in Magnitude of Driver Common-Mode
R = 27
Ω or R = 50Ω (Figure 1)
q
0.2
V
Output Voltage for Complementary Output States
VINH
Input High Voltage
DI, DE, RE
q
2.0
V
VINL
Input Low Voltage
DI, DE, RE
q
0.8
V
IIN1
Input Current
DI, DE, RE
q
±2
µA
IIN2
Input Current (A, B)
VCC = 0V or 5.25V, VIN = 12V
q
1.0
mA
VCC = 0V or 5.25V, VIN = – 7V
q
– 0.8
mA
VTH
Differential Input Threshold Voltage for Receiver
– 7V
≤ VCM ≤ 12V
q
– 0.2
0.2
V
∆VTH
Receiver Input Hysteresis
VCM = 0V
q
60
mV
VOH
Receiver Output High Voltage
IO = – 4mA, VID = 0.2V
q
3.5
V
VOL
Receiver Output Low Voltage
IO = 4mA, VID = – 0.2V
q
0.4
V
IOZR
Three-State Output Current at Receiver
VCC = Max 0.4V ≤ VO ≤ 2.4V
q
±1
µA
ICC
Supply Current
No Load; DI = GND or VCC
Outputs Enabled
q
1.8
2.3
mA
Outputs Disabled
q
1.7
2.3
mA
RIN
Receiver Input Resistance
– 7V
≤ VCM ≤ 12V
q
12
k
Ω
IOSD1
Driver Short-Circuit Current, VOUT = High
VO = – 7V
q
250
mA
IOSD2
Driver Short-Circuit Current, VOUT = Low
VO = 10 V
q
250
mA
IOSR
Receiver Short-Circuit Current
0V
≤ VO ≤ VCC
q
785
mA
VCC = 5V (Notes 2, 3), unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
C
D
1
2
3
45
6
7
8
TOP VIEW
RO
B
VCC
N8 PACKAGE
8-LEAD PLASTIC DIP
D
R
A
GND
DE
DI
S8 PACKAGE
8-LEAD PLASTIC SOIC
RE
TJMAX = 125°C, θJA = 100°C/ W (N)
TJMAX = 150°C, θJA = 150°C/ W (S)
Consult factory for Military grade parts.
ORDER PART
NUMBER
S8 PART MARKING
LTC1485CN8
LTC1485IN8
LTC1485CS8
LTC1485IS8
1485
1485I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com