Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1487CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1487CS8
Description  Ultra-Low Power RS485 with Low EMI, Shutdown and High Input Impedance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1487CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1487CS8 Datasheet HTML 1Page - Linear Technology LTC1487CS8 Datasheet HTML 2Page - Linear Technology LTC1487CS8 Datasheet HTML 3Page - Linear Technology LTC1487CS8 Datasheet HTML 4Page - Linear Technology LTC1487CS8 Datasheet HTML 5Page - Linear Technology LTC1487CS8 Datasheet HTML 6Page - Linear Technology LTC1487CS8 Datasheet HTML 7Page - Linear Technology LTC1487CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1487
Ultra-Low Power RS485
with Low EMI, Shutdown
and High Input Impedance
S
FEATURE
DESCRIPTIO
The LTC
®1487 is an ultra-low power differential line trans-
ceiver designed with high impedance inputs allowing up to
256 transceivers to share a single bus. It meets the
requirements of RS485 and RS422. The LTC1487 features
output drivers with controlled slew rate, decreasing the
EMI radiated from the RS485 lines, and improving signal
fidelity with misterminated lines. The CMOS design offers
significant power savings without sacrificing ruggedness
against overload or ESD damage. Typical quiescent cur-
rent is only 80
µA while operating and 1µA in shutdown.
The driver and receiver feature three-state outputs, with
the driver outputs maintaining high impedance over the
entire common-mode range. Excessive power dissipation
caused by bus contention or faults is prevented by a
thermal shutdown circuit which forces the driver outputs
into a high impedance state. The receiver has a fail-safe
feature which guarantees a high output state when the
inputs are left open. I/O pins are protected against multiple
ESD strikes of over
±10kV using the Human Body Model.
The LTC1487 is fully specified over the commercial tem-
perature range and is available in 8-pin DIP and SO
packages.
s
High Input Impedance: Up to 256 Transceivers
on the Bus
s
Low Power: ICC = 120µA Max with Driver Disabled
s
ICC = 200µA Max with Driver Enabled, No Load
s
1
µA Quiescent Current in Shutdown Mode
s
Controlled Slew Rate Driver for Reduced EMI
s
Single 5V Supply
s
ESD Protection to
±10kV On Receiver Inputs and
Driver outputs
s
– 7V to 12V Common-Mode Range Permits
±7V
Ground Difference Between Devices on the Data Line
s
Thermal Shutdown Protection
s
Power Up/Down Glitch-Free Driver Outputs Permit
Live Insertion or Removal of Transceiver
s
Driver Maintains High Impedance in Three-State
or with the Power Off
s
Pin Compatible with the LTC485
APPLICATI
TYPICAL
s
Battery-Powered RS485/RS422 Applications
s
Low Power RS485/RS422 Transceiver
s
Level Translator
S
APPLICATI
R
1
RO
120
RE
DE
DI
2
3
7
6
7
6
4
1
2
3
4
D
R
D
RO
RE
DE
DI
LTC1487 • TA01
120
330
LTC1487
LTC1487
EQUIVALENT LOAD OF 256
LTC1487 TRANSCEIVERS
2000 FEET OF TWISTED-PAIR WIRE
4.7nF
DI
A
B
RO
LTC1487 • TA02
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1487CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1487 LINER-LTC1487 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC1487 LINER-LTC1487 Datasheet
184Kb / 8P
Ultra-Low Power RS485 with Low EMI, Shutdown and High Input Impedance
LTC1487 LINER-LTC1487_15 Datasheet
184Kb / 8P
Ultra-Low Power RS485 with Low EMI, Shutdown and High Input Impedance
More results

Similar Description - LTC1487CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1480 LINER-LTC1480 Datasheet
231Kb / 8P
3.3V Ultra-Low Power RS485 Transceiver
LTC1481 LINER-LTC1481 Datasheet
219Kb / 8P
Ultra-Low Power RS485 Transceiver with Shutdown
LTC1483 LINER-LTC1483 Datasheet
243Kb / 8P
Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
logo
International Rectifier
IRU1176 IRF-IRU1176 Datasheet
46Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
logo
Linear Technology
LTC1481 LINER-LTC1481_1 Datasheet
155Kb / 8P
Ultralow Power RS485 Transceiver with Shutdown
LTC1481 LINER-LTC1481_15 Datasheet
165Kb / 8P
Ultralow Power RS485 Transceiver with Shutdown
LTC1483 LINER-LTC1483_15 Datasheet
197Kb / 8P
Ultra-Low Power RS485 Low EMI Transceiver with Shutdown
LTC1487 LINER-LTC1487_15 Datasheet
184Kb / 8P
Ultra-Low Power RS485 with Low EMI, Shutdown and High Input Impedance
logo
Texas Instruments
LP2981 TI1-LP2981_16 Datasheet
787Kb / 17P
ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
logo
Dubilier
DSH DUBILIER-DSH Datasheet
325Kb / 4P
ULTRA LOW IMPEDANCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com