Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS78M05ACPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS78M05ACPROG
Description  3-Terminal 500mA Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78M05ACPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS78M05ACPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78M05ACPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78M05ACPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78M05ACPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78M05ACPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS78M05A
3-Terminal 500mA Positive Voltage Regulator
1/5
Version: D13
TO-252
(DPAK)
General Description
The TS78M05A Series positive voltage regulators are identical to the popular TS7805 Series devices, except that
they are specified for only half the output current. Like the TS7805 devices, the TS78M05A Series 3-Terminal
regulators are intended for local, on-card voltage regulation.
Internal current limiting, thermal shutdown circuitry and safe-area compensation for the internal pass transistor
combine to make these devices remarkably rugged under most operating conditions. Maximum output current with
adequate heatsink is 500mA
Features
●
Output Voltage 5V
●
Output current up to 500mA
●
Internal thermal overload protection
●
Internal short-circuit current limiting
●
Output transistor safe-area compensation
●
Output voltage offered in 2% tolerance
Standard Application Circuit
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point
on the Input ripple voltage.
XX = these two digits of the type number indicate
voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does
improve transient response.
Ordering Information
Part No.
Package
Packing
TS78M05ACP RO
TO-252
2.5Kpcs / 13” Reel
TS78M05ACP ROG
TO-252
2.5Kpcs / 13” Reel
Note: “G” denotes Halogen Free Product.
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN*
35
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature
TJ
0~+125
oC
Storage Temperature Range
TSTG
-65~+150
oC
Thermal Resistance - Junction to Case
RӨJC
8
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
100
oC/W
Pin Definition:
1. Input
2. Ground (tab)
3. Output


Similar Part No. - TS78M05ACPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78M05ACPRO TSC-TS78M05ACPRO Datasheet
480Kb / 10P
3-Terminal 500mA Positive Voltage Regulator
More results

Similar Description - TS78M05ACPROG

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78MXX BCDSEMI-AZ78MXX_07 Datasheet
132Kb / 14P
500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Sipex Corporation
SP78MXX SIPEX-SP78MXX Datasheet
395Kb / 9P
500mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
3-Terminal 500mA Positive Voltage Regulator
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_14 Datasheet
180Kb / 5P
3-Terminal 500mA Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com