Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS78L05CSRL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS78L05CSRL
Description  3-Terminal 100mA Positive Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L05CSRL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS78L05CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78L05CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78L05CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78L05CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78L05CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L05CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L05CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L05CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L05CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
1/13
Version: G14
TO-92
SOT-23
SOP-8
SOT-89
General Description
The TS78L00 Series of positive voltage Regulators are inexpensive, easy-to-use devices suitable for a multitude
of applications that require a regulated supply of up to 100mA. Like their higher power TS7800 and TS78M00
Series cousins, these regulators feature internal current limiting and thermal shutdown making them remarkably
rugged. No external components are required with the TS78L00 devices in many applications.
These devices offer a substantial performance advantage over the traditional zener diode-resistor combination,
as output impedance and quiescent current are substantially reduced.
Features
●
Output Voltage Range 3.3 to 24V
●
Output current up to 100mA
●
No external components required
●
Internal thermal overload protection
●
Internal short-circuit current limiting
●
Output transistor safe-area compensation
●
Output voltage offered in 4% tolerance
Standard Application Circuit
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point
on the Input ripple voltage.
XX = these two digits of the type number indicate
voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does
improve transient response.
Ordering Information
Part No.
Package
Packing
TS78LxxCT B0
TO-92
1kpcs / Bulk
TS78LxxCT A3
TO-92
2kpcs/ Ammo
TS78LxxACY RM
SOT-89
1kpcs / 7” Reel
TS78LxxCS RL
SOP-8
2.5kpcs / 13” Reel
TS78LxxCX RF
SOT-23
3kpcs / 7” Reel
Note: Refer to detail ordering information table.
Absolute Maximum Ratings (TA = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
DC Input Voltage
TS78L03
VIN
30
V
TS78L05
35
TS78L24
40
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature Range
TJ
0 ~ +150
oC
Storage Temperature Range
TSTG
-65~+150
oC
Pin Definition:
1. Output
2. Ground
3. Input
Pin Definition:
1. Output
8. Input
2. Ground
7. Ground
3. Ground
6. Ground
4. N/C
5. N/C
Pin Definition:
1. Output
2. Input
3. Ground
Pin Definition:
1. Output
2. Ground
3. Input


Similar Part No. - TS78L05CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78L05CSRL TSC-TS78L05CSRL Datasheet
524Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
More results

Similar Description - TS78L05CSRL

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
100mA 3-Terminal Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com