Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1504AI Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1504AI
Description  500mA Low Voltage Step-Down Synchronous Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1504AI Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1504AI Datasheet HTML 4Page - Linear Technology LTC1504AI Datasheet HTML 5Page - Linear Technology LTC1504AI Datasheet HTML 6Page - Linear Technology LTC1504AI Datasheet HTML 7Page - Linear Technology LTC1504AI Datasheet HTML 8Page - Linear Technology LTC1504AI Datasheet HTML 9Page - Linear Technology LTC1504AI Datasheet HTML 10Page - Linear Technology LTC1504AI Datasheet HTML 11Page - Linear Technology LTC1504AI Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1504A
©LINEAR TECHNOLOGY CORPORATION 1997
1504afs, sn1504a LT/TP 1098 4K • PRINTED IN USA
TYPICAL APPLICATIONS
High Efficiency 5V to 2.5V Converter with Current Limit
SCSI-2 Active Terminator
IMAX
SHDN
SS
COMP
VCC
GND
SW
FB
+
1
µF
0.1
µF
RIMAX*
CIN
VCC
5V
SHDN
7.5k
0.01
µF
220pF
11.8k
12.1k
MBRS0530L
+
COUT
VOUT
2.5V
LEXT
CIN: AVX TPSE107M016R0125
COUT: SANYO 16CV220GX
LEXT: COILCRAFT DO3316-473
*SELECT RIMAX VALUE USING CURRENT LIMIT THRESHOLD GRAPH ON PAGE 3
1504A • TA03
LTC1504A
IMAX SHDN
SS
COMP
VCC
GND
SW
FB
4.7
µF
CERAMIC
TERMPWR
7.5k
0.01
µF
220pF
15k
12k
+
COUT
LEXT
COUT: AVX TPSC107M006R0150
LEXT: SUMIDA CD54-470
1504A • TA04
NC
NC
LTC1504A
110
Ω
110
Ω
110
Ω
110
Ω
110
Ω
18
TO
27
LINES
•
•
•
PART NUMBER
DESCRIPTION
COMMENTS
LTC1174
600mA, High Efficiency Step-Down Converter
Nonsynchronous, Better Low Load Efficiency
LTC1430
High Power Step-Down DC/DC Controller
5V to 1.xV – 3.xV Voltage Conversion for High End Processors
LTC1433/LTC1434
450mA, Low Noise Current Mode Step-Down Converters
Nonsynchronous, Better Low Load Efficiency
LTC1474
Low Quiescent Current, High Efficiency Step-Down Converter
10
µA Standy Current, 92% Efficiency, MSOP Package
LT1507
1.5A, 500kHz Monolithic Buck Regulator
Nonsynchronous, 1.5A Max Current
LTC1627
Monolithic Synchronous Step-Down Switching Regulator
2.65V to 8.5V Input Range, 95% Efficiency, SO-8 Package
RELATED PARTS
PACKAGE DESCRIPTION Dimensions is inches (millimeters) unless otherwise noted.
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0996
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com